Electronic Components Datasheet Search
  English  ▼

X  

HC5503 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # HC5503
Description  Low Cost 24V SLIC For PABX/Key Systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC5503 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button HC5503 Datasheet HTML 9Page - Renesas Technology Corp HC5503 Datasheet HTML 10Page - Renesas Technology Corp HC5503 Datasheet HTML 11Page - Renesas Technology Corp HC5503 Datasheet HTML 12Page - Renesas Technology Corp HC5503 Datasheet HTML 13Page - Renesas Technology Corp HC5503 Datasheet HTML 14Page - Renesas Technology Corp HC5503 Datasheet HTML 15Page - Renesas Technology Corp HC5503 Datasheet HTML 16Page - Renesas Technology Corp HC5503 Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
HC5503
FN4344 Rev 5.00
Page 16 of 17
June 2004
Application Circuit
NOTES:
6. R5 sets the 2-wire to 4-wire gain. R5 = 150k then A2-4 = 0dB. R5 = 75k then A2-4 = -6.0dB.
7. Secondary protection diode bridge recommended is a 2A, 200V type.
8. All grounds (AG, BG, and DG) must be applied before VCC or VBAT. Failure to do so may result in premature failure of the part. If a user wishes
to run separate grounds off a line card, the AG must be applied first.
9. Application shows Ring Injected Ringing, Balanced or Tip injected configuration may be used.
FIGURE 10. -24V APPLICATION CIRCUIT
Typical Component Values:
C1 = 0.33F, 20%, 20V.
C2 = 1.0F, 10%, 20V.
C3 = C4 = 0.47F, 20%, 30V.
C5, C6 = 0.01F, 30V.
CS1 = CS2 = 0.1F, 200V typically, depending on VRING
and line length.
RB1 = RB2 = 150 (1% absolute value).
RS1 = RS2 = 1k, 1%, 1/4W.
R1 = 10k, 1%, 1/4W.
R2 = 24.9k, 1%, 1/4W.
R3 = R5 = 150k, 1%, 1/4W.
R4 = 200k, 1%, 1/4W.
D1, D2, D3, D4, D5 = 1N40007, 100V, 3A.
Z1 = 250V to 350V transient protection.
PTC used as ring generator ballast.
RB1
RB2
+5V
C5
C6
C2
C1
C4
C3
R2
R1
TIP
RING
VCC
-24V
VBAT
D4
D2
D3
D1
VBAT
R3
R4
R5
U2
VOUT
24
5
22
4
23
6
12
11
10
9
8
13
15
7
16
21
CS1
RS1
CS2
RS2
PTC
K1B
K1A
K1
D5
VBAT
+5V
-24V
SYSTEM CONTROLLER
-24V
CODEC/FILTER
VIN
(NOTE 6)
RC
RS
SHD
RING
TIP
TIP FEED
RING FEED SENSE
RING FEED
HC5503
PD
VCC
C2
C1
RD
RX
TX
AGND
DGND
BGND
-BAT
U1
2
3
1
PRIMARY
PROTECTION
Z1
MUST LIMIT
INPUT VOLTAGE
TO LESS THAN
450V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com