Electronic Components Datasheet Search
  English  ▼

X  

HC5503 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HC5503
Description  Low Cost 24V SLIC For PABX/Key Systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC5503 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HC5503 Datasheet HTML 3Page - Renesas Technology Corp HC5503 Datasheet HTML 4Page - Renesas Technology Corp HC5503 Datasheet HTML 5Page - Renesas Technology Corp HC5503 Datasheet HTML 6Page - Renesas Technology Corp HC5503 Datasheet HTML 7Page - Renesas Technology Corp HC5503 Datasheet HTML 8Page - Renesas Technology Corp HC5503 Datasheet HTML 9Page - Renesas Technology Corp HC5503 Datasheet HTML 10Page - Renesas Technology Corp HC5503 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
HC5503
FN4344 Rev 5.00
Page 7 of 17
June 2004
The value of Va, as a result of feedback through R2 from the
TX output, is given in Equation 1. Equation 1 is a voltage
divider equation between resistors R2 and the parallel
combination of resistors; R1, R3 and the internal 90k resistor
RINTERNAL. The Voltage on the transmit out (TX) is the sum of
the voltage drops across resistors RB1 and RB2 that is gained
up by 2 to produce an output voltage at the VTX pin that is
equal to -4RSIL.
Where: VTX = -4RSIL = -600IL.
To match a 600
 line, the synthesized tip and ring impedances
must be equal to 150
. The impedance looking into either the tip
or ring terminal is once again the voltage at the terminal (Va)
divided by the AC current
IL as shown in Equation 2.
Substituting the value of 600
IL for VTX in Equation 1 and
dividing both sides by
IL results in Equation 3.
Setting Va/
IL equal to 150 and solving for R2, given that R1
= 10k
, RINTERNAL = 90k and R3 = 150k the value of R2
to match the input impedance of 600
 is determined to be
25.47k
. (Note: nearest standard value is 24.9k
The amount of negative feedback is dependent upon the
additional synthesized resistance required for matching. The
sense resistors RB1 and RB2 should remain at 150 to
maintain the SHD threshold listed in the electrical
specifications. The additional synthesized resistance is
determined by the feed back factor X (Equation 4) which needs
to be applied to the transmit output and fed into the RX pin of
the HC5503. The feed back factor is equal to the voltage
divider between R2 and the parallel combination of R1, R3 and
RINTERNAL, reference Figure 2.
The voltage that is feed back into the RX pin is equal to the
voltage at VTX times the feedback factor (Equation 5).
Where VTX is equal to -4RSIL (RS = 150)
So:
But, from Equation 2:
Therefore:
Equation 8 shows that 1/4 of the TX output voltage is required
to synthesize 150
 at both the Tip feed and Ring feed
amplifiers.
To match a 900
 load would require 300 worth of
synthesized impedance (300
 from RB1 + RB2 and 600 from
the Tip feed + Ring feed amplifiers).
Setting Va/IL equal to 300 and solving for R2 in Equation 3,
given that R1 = 10k, RINTERNAL = 90k and R3 = 150k the
value of R2 to match the input impedance of 900 is determined
to be 8.49k
 (Note: nearest standard value is 8.45k). The feed
back factor to match a 900
 load is 1/2 (300/600).
The selection of the value of 150k
 for R3 is arbitrary. The only
requirement is that it be large enough to have little effect on the
parallel combination between RINTERNAL (90k) and R1
(10k
). R3 should be greater then 90k.
The selection of the value of 10k
 for R1 is also arbitrary. The
only requirement is that the value be small enough to offset
any process variations of RINTERNAL and large enough to
avoid loading of the CODEC’s output. A value of 10k
 is a
good compromise.
2-Wire to 4-Wire Gain
Va
R1 90k R3
R1 90k R3 R2
+
------------------------------------------------- VTX
=
(EQ. 1)
ZTipfeed
ZRingfeed
Va
IL
--------
150
==
=
(EQ. 2)
Va
IL
--------
R1 90k R3
R1 90k R3 R2
+
------------------------------------------------- 600
=
(EQ. 3)
FeedbackFactor
X
R1 90k R3
R1 90k R3 R2
+
-------------------------------------------------
==
(EQ. 4)
FIGURE 2. FEEDBACK EQUIVALENT CIRCUIT
RX
TX
R1
R3
150k
R2
24.9k
RINTERNAL
90.0k
10k
FEED BACK
TX = -4RSIL
Va
VTX X

=
(EQ. 5)
X
Va
IL600
-------------------
=
(EQ. 6)
Va
IL
--------
150
=
(EQ. 7)
X
Va
VTX
-----------
150
600
----------
1
4
---
==
=
(EQ. 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com