Electronic Components Datasheet Search
  English  ▼

X  

HC5503 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HC5503
Description  Low Cost 24V SLIC For PABX/Key Systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC5503 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HC5503 Datasheet HTML 6Page - Renesas Technology Corp HC5503 Datasheet HTML 7Page - Renesas Technology Corp HC5503 Datasheet HTML 8Page - Renesas Technology Corp HC5503 Datasheet HTML 9Page - Renesas Technology Corp HC5503 Datasheet HTML 10Page - Renesas Technology Corp HC5503 Datasheet HTML 11Page - Renesas Technology Corp HC5503 Datasheet HTML 12Page - Renesas Technology Corp HC5503 Datasheet HTML 13Page - Renesas Technology Corp HC5503 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
HC5503
FN4344 Rev 5.00
Page 10 of 17
June 2004
The longitudinal amplifier’s principal function is Ring Trip
Detection. The output of the amplifier after being filtered by R20
and C2 to attenuate AC signals is fed into a detector whose output
inhibits the ring relay driver to remove ringing signals from the line
in an off-hook condition, reference Figure 8.
Ringing The Line
The Ring Command (RC) input is taken low during ringing.
This activates the ring relay driver (RD) output providing the
telephone is not off-hook or the line is not in a power denial
state. The ring relay connects the ring generator to the
subscriber loop. The ring generator output is usually an
80VRMS, 20Hz signal. The ring signal should not exceed 150V
peak. Since the telephone ringer is AC coupled only ring
current will flow. This ringing current flows directly into VBAT
via a set of relay contacts. The high impedance terminal RFS is
provided so that the low impedance VRF node can be isolated
from the hot end of the ring path in the battery referenced ring
scheme.
The AC ring current flowing in the subscriber circuit will be
sensed across RB2, and will give rise to an AC voltage at the
output of the longitudinal amplifier. R20 and C2 attenuate this
signal before it reaches the ring trip detector to prevent false
ring trip. C2 is nominally set at 1.0F.
When the subscriber goes off-hook, a DC path is established
between the output of the ring generator and the battery
ground or VBAT terminal. A DC longitudinal imbalance is
established since no tip feed current is flowing through the tip
feed resistors. The longitudinal amplifier output is driven
negative. Once it exceeds the ring trip threshold of the ring trip
detector, the logic circuitry is driven by GK to trip the ring relay
establishing an off-hook condition such that SHD will become
active as loop metallic current starts to flow.
In addition to its ability to be used for tip or ring injected systems,
the HC5503 can also be configured for systems utilizing
balanced ringing. The main advantage of balanced ringing is
that it tends to minimize cross coupling effects owing to the
differential nature of the ring tone across the line.
Figure 5 illustrates the sequence of events during ring trip with
ring synchronization for a tip injected ring system. Note that
owing to the 90 degree phase shift introduced by the low pass
filter (R20, C2) the RS pulse will occur at the most negative point
of the attenuated ring signal that is fed into the ring trip detector.
Hence, when DC conditions are established for SHD, the AC
component actually assists ring trip taking place. For a ring side
injected ring system, the RS pulse should occur at the positive
zero crossing of the ring signal as it appears at RFS. If ring
synchronization is not used, then the RS pin should be held
permanently to a logic high of 5V nominally: ring trip will occur
asynchronously with respect to the ring voltage. Ring trip is
guaranteed to take place within three ring cycles after the
telephone going off-hook.
It is recommended that an RC snubber network is placed
across the ring relay contacts to minimize inductive kick-back
effects from the telephone ringer. Typical values for such a
network are shown in Figure 10.
Transhybrid Circuit
The purpose of the transhybrid circuit is to remove the receive
signal (RX) from the transmit signal (TX), thereby preventing an
echo on the transmit side. This is accomplished by using an
external op amp (usually part of the CODEC) and by the
inversion of the signal from the 4-wire receive port (RX) to the
4-wire transmit port (TX). Figure 6 shows the transhybrid
circuit. Because the voltage at RX is 180 degrees out of phase
with the voltage at TX, the input signal will be subtracted from
the output signal if I1 equals I2. Node analysis yields the
following Equation:
The voltage at TX is the product of the 4-wire to 2-wire (A4-2 =
0.633) and 2-wire to 4-wire (A2-4 = -1.0) voltage gains, and is
therefore equal to 0.633. The voltage at RX, when taking into
account the negative feedback through R2, is the calculated
HC5503 ILOOP SATURATION
RLOOP ()
533
0
20
30
RLOOP = RB1 + RB2 + ZTF + ZRF + RLINE + RSET
10
FIGURE 4. DC LOOP CURRENT CHARACTERISTICS
FIGURE 5. RING TIP SEQUENCE
150V
VRING
150VPEAK,
MAX
>50
s
C2 CHARGES
TO 0V
VALUE
RING RELAY
HAS TRIPPED
DC SHIFT OWING TO
DC CURRENT DIFFERENCE
BETWEEN ITIP AND IRING
QUIESCENT
SUBSCRIBER
GOES OFF-HOOK
RING
TRIP
THRESHOLD
0V
0V
5V
RS
VC4
I1 I2
+
TX
R4
-------
RX
R3
--------
+
0
==
(EQ. 24)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com