Electronic Components Datasheet Search
  English  ▼

X  

HC5503 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HC5503
Description  Low Cost 24V SLIC For PABX/Key Systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC5503 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HC5503 Datasheet HTML 4Page - Renesas Technology Corp HC5503 Datasheet HTML 5Page - Renesas Technology Corp HC5503 Datasheet HTML 6Page - Renesas Technology Corp HC5503 Datasheet HTML 7Page - Renesas Technology Corp HC5503 Datasheet HTML 8Page - Renesas Technology Corp HC5503 Datasheet HTML 9Page - Renesas Technology Corp HC5503 Datasheet HTML 10Page - Renesas Technology Corp HC5503 Datasheet HTML 11Page - Renesas Technology Corp HC5503 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
HC5503
FN4344 Rev 5.00
Page 8 of 17
June 2004
The 2-wire to 4-wire gain is defined as the output voltage VTX
divided by the tip to ring voltage (VTR). Where:
VTX =-4RSIL = -600IL and VTR = (RL)IL = 600IL. The
2-wire to 4-wire gain is therefore equal to -1.0, as shown in
Equation 9.
4-Wire to 2-Wire Gain
The 4-wire to 2-wire gain is defined as the output voltage VTR
divided by the input voltage, VIN. To determine the 4-wire to 2-
wire gain we need to define VTR in terms of VIN. The voltage
at VTR is the loop current times the load impedance ZL.
For optimum 2-wire return loss, the input impedance of the
SLIC (ZO) must equal the load impedance (ZL) of the line. All
Equations going further assume ZL= ZO.
The loop current
IL is the total voltage across the loop divided
by the total resistance of the loop. The total voltage across the
loop is the sum of the tip feed voltage (VTF) and the ring feed
voltage (VRF) where VTF = -VRF . The total resistance is the
sum of the sense resistors RB1 and RB2 and the load ZL (ZL
+2RS). The total loop current is defined in Equation 11.
From Equation 10:
Substituting Equation 12 into Equation 11 and solving for VTR:
Using Superposition, the voltage at the receive input RX is
given as:
Where R
1 is the effective impedance that is formed by the
parallel combination of RINTERNAL (90k), R3 (150k), R1
(10k
) and is equal to 8.49k. R2 is the effective impedance
that’s formed by the parallel combination of RINTERNAL
(90k
), R3 (150k), R2 (24.9k) and is equal to 17.25k.
VRX for the recommended values of R1 and R2 is given in
Equations 15 and 16. For impedance matching to a load other
than 600
, recalculate the parallel impedances R1, R2 and
substitute into Equation 15. The 4-wire to 2-wire gain is
recalculated by using the Equations below.
Substituting Equation 16 into Equation 13:
From Equation 10:
From Equation 1:
Substituting Equation 18 into Equation 19:
Substituting Equation 20 into Equation 17:
Assuming RS = 150 and rearranging terms:
The 4-wire to 2-wire gain (Given that: R1 =10k, R2 = 24.9k
and R3 = 150kfor a 600 load is:
A24
–
VTX
VTR
-----------
600
–
IL
600
IL
----------------------
1.0
–
==
=
(EQ. 9)
VTR
IL ZL
IL ZO
==
(EQ. 10)
IL
VTF VRF
–
ZO 2RS
+
----------------------------
2VTF

ZO 2RS
+
--------------------------
==
(EQ. 11)
IL
VTR
ZO
-----------
=
(EQ. 12)
VTR
2VTF

ZO 2RS
+
--------------------------



ZO
=
(EQ. 13)
VRX
VTF
R
1
R
1 R2
+
-----------------------



VTX
R
2
R
2 R1
+
-----------------------



VIN
+
==
(EQ. 14)
VRX
VTF
8.49k
8.49k
 24.9k
+
----------------------------------------------

 V
TX
17.25k
17.25k
 10k
+
---------------------------------------------

 V
IN
+
==
(EQ. 15)
VRX
VTF
0.25
VTX 0.633
VIN
+
==
(EQ. 16)
VTR
20.25
VTX 0.633
VIN
+

ZO 2RS
+
-------------------------------------------------------------------------



ZO
=
(EQ. 17)
IL
VTR
ZO
-----------
=
(EQ. 18)
VTX
4RS
IL
–
=
(EQ. 19)
VTX
4RS
VTR
ZO
-----------
–
=
(EQ. 20)
VTR
2RS
VTR
ZO
-----------
–
1.266VIN
+



ZO
ZO 2RS
+
--------------------------
=
(EQ. 21)
1
300
ZO 300
+
------------------------
+

 V
TR
1.266ZO
ZO 300
+
------------------------



VIN
=
(EQ. 22)
A42
–
VTR
VIN
-----------
1.266ZO
ZO 600
+
------------------------



0.633
3.96dB
–
==
=
=
(EQ. 23)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com