Electronic Components Datasheet Search
  English  ▼

X  

HC5503 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HC5503
Description  Low Cost 24V SLIC For PABX/Key Systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC5503 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HC5503 Datasheet HTML 5Page - Renesas Technology Corp HC5503 Datasheet HTML 6Page - Renesas Technology Corp HC5503 Datasheet HTML 7Page - Renesas Technology Corp HC5503 Datasheet HTML 8Page - Renesas Technology Corp HC5503 Datasheet HTML 9Page - Renesas Technology Corp HC5503 Datasheet HTML 10Page - Renesas Technology Corp HC5503 Datasheet HTML 11Page - Renesas Technology Corp HC5503 Datasheet HTML 12Page - Renesas Technology Corp HC5503 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
HC5503
FN4344 Rev 5.00
Page 9 of 17
June 2004
The Transversal Amplifier (TA)
Whereas the feed amplifiers perform the 4-wire to 2-wire
transmission function, the transversal amplifier acts as the
2-wire to 4-wire hybrid. The TA is a summing amplifier
configured to reject common mode signals. It will reject 2-wire
common mode signals. RB1 and RB2 act as loop current sense
resistors. The voice signal output of the amplifier is a function
of the differential voltages appearing across RB1 and RB2.
The transversal amplifier also has a DC output proportional to
the metallic current in the loop. The output voltage is given
by:
VTX = 2(ITIP + IRING) (RB1 + RB2)
This DC level is used as an input to a comparator whose
output feeds into the logic circuitry as SH. This signal is used to
gate SHD output.
Voice signals on the loop are transformed by the TA into
ground referenced signals. Since the TA output has a DC
offset it is necessary to AC couple the output to any external
circuitry. Note, that during 4-wire to 2-wire transmission, the
transversal amplifier will have an audio signal at its output
proportional to the 4-wire audio receive signal and the loop’s
equivalent AC impedance. This is called the transhybrid return,
and must be cancelled (or balanced) out to prevent an echo
effect. Reference the Transhybrid Circuit section for more
information.
Loop Current Limiting
The maximum loop length for this application is a 533
 load
across the feed amplifiers (24VSUPPLY - 8VOVERHEAD)/
30mAMAX loop current). However, on a short loop the line
resistance often approaches zero. Thus, a need exists to
control the maximum DC loop current that can flow around the
loop to prevent an excessive current drain from the system
battery. This limit is internally set to 30mA on the HC5503.
Figure 3 depicts the feedback network that modifies the VRF
voltage as a function of metallic current. Figure 4 illustrates the
loop current characteristics as a function of line resistance.
As indicated above, the TA has a DC voltage output directly
proportional to the loop current. This voltage level is scaled
by R19 and R18. The scaled level forms the ‘Metallic’ input to
one side of a Transconductance Amplifier.
The reference input to this amplifier is generated in the bias
network, and is equivalent to 30mA. When the metallic input
exceeds the set reference level, the transconductance amplifier
sources current. This current will charge C1 in positive direction
causing the VRF (Ring Feed) voltage to approach the VTF (Tip
Feed), effectively reducing the battery feed across the loop
which will limit the DC loop current. C1 will continue to charge
until an equilibrium level is attained at ILOOP = ILOOPmA (Max).
The time constant of this feedback loop is set by R21 (90k) and
C1 which is nominally 0.33F.
The VRF voltage level is also modified to reduce or control loop
current during ring line faults (e.g., ground or power line
crosses), and thermal overload. Figure 8 illustrates this. The
thermal and fault current circuitry works in parallel with the
transconductance amplifier.
Longitudinal Amplifier
The longitudinal amplifier is an operational amplifier configured
as a closed loop differential amplifier with a nominal gain of
0.1. The output is a measure of any imbalance between ITIP
and IRING. The transfer function of this amplifier is given by:
VLONG = 0.1(ITIP - IRING) 150.
The gain factor is much less than one since ring voltage (up to
150VPEAK) can appear at the Ring or Ring Feed Sense
terminals and are attenuated to avoid exceeding the common
mode range of the longitudinal amplifier’s input.
C1
VRF
VTIP
RB2
RB1
VRING
VTF
TRANSVERSAL
AMP
VTX = -600 ILOOP
VB5
R19
R18
90K
-4V
VB/2
KVTX
FOR KVTX < VB5
IGM > 0,
RING
90K
AVCL = 2
1.8K
R21
FEED
+
-
+
-
+-
VRF
VTX
FIGURE 3. DC LOOP CURRENT CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com