Electronic Components Datasheet Search
  English  ▼

X  

IDTP9167 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # IDTP9167
Description  5.5A Distributed Power Unit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDTP9167 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button IDTP9167 Datasheet HTML 6Page - Renesas Technology Corp IDTP9167 Datasheet HTML 7Page - Renesas Technology Corp IDTP9167 Datasheet HTML 8Page - Renesas Technology Corp IDTP9167 Datasheet HTML 9Page - Renesas Technology Corp IDTP9167 Datasheet HTML 10Page - Renesas Technology Corp IDTP9167 Datasheet HTML 11Page - Renesas Technology Corp IDTP9167 Datasheet HTML 12Page - Renesas Technology Corp IDTP9167 Datasheet HTML 13Page - Renesas Technology Corp IDTP9167 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
January 28, 2014
10
IDTP9167
Advanced Datasheet
APPLICATION
Typical Application Diagram
0.47µH
VCC
DCD1
VDDQ
V1.0A
VSYS_5V
IDTP9165
DCD0_LX
DCD0_FB
DCD1_LX
DCD1_FB
DCD0_VIN
DCD1_VIN
DCD2_LX
DCD2_FB
DCD3_LX
DCD3_FB
DCD2_VIN
DCD3_VIN
DCD0_GSEN
DCD1_GSEN
0.47µH
10µF
2x10µF
PVIN_12V
1µF
IDTP9167
LX
PGND
PVIN
VSYS
RSET
VPG
DIO
DIF
60.4kΩ
DCD1_DIO
DCD1_DIF
IDTP9167
LX
PGND
PVIN
VSYS
RSET
VPG
DIO
DIF
SoC
1µF
0.47µH
10µF
10µF*
4.7µF
4.7µF
53.6kΩ
2x10µF
6 x 47µF
PGND
Optional
*
*
*
Figure 5 – Typical application diagram showing two IDTP9167s connected as DPUs to augment the output current capability of
the IDTP9165 PMIC’s VNN rail.
In Figure 5, the 10µF capacitor placed next to the inductor of each DPU may be omitted if board space is limited, and the
main output capacitor cluster is within approximately 2 inches away. The inductance value of the LX inductor connected to the
DPUs may need to be 1µH in some applications as listed in Table 7. The RSET resistor value of each DPU is dependent on the
phase of the particular DPU, and whether the DPU is connected to a controller on the host PMIC, as shown in Table 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com