Electronic Components Datasheet Search
  English  ▼

X  

IDTP9167 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # IDTP9167
Description  5.5A Distributed Power Unit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDTP9167 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button IDTP9167 Datasheet HTML 8Page - Renesas Technology Corp IDTP9167 Datasheet HTML 9Page - Renesas Technology Corp IDTP9167 Datasheet HTML 10Page - Renesas Technology Corp IDTP9167 Datasheet HTML 11Page - Renesas Technology Corp IDTP9167 Datasheet HTML 12Page - Renesas Technology Corp IDTP9167 Datasheet HTML 13Page - Renesas Technology Corp IDTP9167 Datasheet HTML 14Page - Renesas Technology Corp IDTP9167 Datasheet HTML 15Page - Renesas Technology Corp IDTP9167 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
January 28, 2014
12
IDTP9167
Advanced Datasheet
DESIGN OF COMPONENTS
Suggested Components
Depending on the expected input and output voltage requirement for the application, the recommended inductor and output
capacitor values are provided in Table 7. These component values will nominally provide the best stability and transient
response. It is recommended that the 47µF output capacitors for all DPUs be clustered together at the point-of-load where the
feedback connection is, with the optional 10µF capacitor placed next to the DPU’s inductor to absorb ripple current.
VO (V)
PVIN (V)
L (µH)
CO (µF)
3.3
12 ± 10%
1.0
10 + 2 x 47
< 2V
5.6 to 12.6
0.47
10 + 2 x 47
Table 7 – Recommended component values
Component Selection
If deviation from the recommended components is desired to further optimize the regulator response for a specific application,
guidelines are provided in the following section to aid in the component selection process.
Inductor – L
L is the inductor connected to the switch node of the IDTP9167. The inductor physical size selection should consider its
temperature rise and current saturation for the expected operating conditions. The maximum current through the inductor is
typically 5.9A. The inductor value chosen should take into account ripple current consideration which can affect peak current
handling capability, efficiency and board EMI performance.
The inductor ripple current can be calculated from the following equation:
∆������������=������.������×������������������−������������������������������×������������������������������������������
where: L (µH) = Inductor value
VIN (V) = Input voltage
VOUT (V) = Output voltage
∆IL (A) = Inductor current ripple
For typical application as described in the EC table, the ripple current equates to 931mA(pp).
For an inductor current limit specification of 5.9A, this translates to a maximum load current capability of 5.44A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com