Electronic Components Datasheet Search
  English  ▼

X  

IDTP9167 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # IDTP9167
Description  5.5A Distributed Power Unit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDTP9167 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button IDTP9167 Datasheet HTML 10Page - Renesas Technology Corp IDTP9167 Datasheet HTML 11Page - Renesas Technology Corp IDTP9167 Datasheet HTML 12Page - Renesas Technology Corp IDTP9167 Datasheet HTML 13Page - Renesas Technology Corp IDTP9167 Datasheet HTML 14Page - Renesas Technology Corp IDTP9167 Datasheet HTML 15Page - Renesas Technology Corp IDTP9167 Datasheet HTML 16Page - Renesas Technology Corp IDTP9167 Datasheet HTML 17Page - Renesas Technology Corp IDTP9167 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
January 28, 2014
14
IDTP9167
Advanced Datasheet
ID setting resistor – RSET
The RSET resistor is used to configure the IDTP9167 with an individual identifier (ID). The identifier makes sure each device
can be correctly addressed by the host PMIC. Except for the case when the DPUs are connected to the host PMIC’s controller,
the device ID should be assigned in an ascending order starting with ID0. This ID assignment determines the switching phase
position of the particular DPU and, when set appropriately, ensures the output ripple is minimized as the switching phases of
all attached DPUs are automatically distributed uniformly in time. With respect to the output ripple, this effectively scales up
the equivalent switching frequency by the number of DPUs present.
When the DPUs are connected to the host PMIC’s controller, all DPUs must be assigned the same ID value for PFM mode to
operate. When one to three DPUs are used, ID0 should be selected as the common ID. When four DPUs are used, ID3
should be selected. It should be noted that when one or more DPUs are set to an identical ID using the same RSET resistor
value, the advantage of phase spreading (multi-phase) is lost since DPUs with identical ID will switch at the same time.
The RSET resistor value to device ID mapping is shown in Table 8.
RSET [kΩ]
ID
53.6
0
60.4
1
66.5
2
73.2
3
Table 8 – Recommended RSET values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com