Electronic Components Datasheet Search
  English  ▼

X  

IDTP9167 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # IDTP9167
Description  5.5A Distributed Power Unit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDTP9167 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button IDTP9167 Datasheet HTML 11Page - Renesas Technology Corp IDTP9167 Datasheet HTML 12Page - Renesas Technology Corp IDTP9167 Datasheet HTML 13Page - Renesas Technology Corp IDTP9167 Datasheet HTML 14Page - Renesas Technology Corp IDTP9167 Datasheet HTML 15Page - Renesas Technology Corp IDTP9167 Datasheet HTML 16Page - Renesas Technology Corp IDTP9167 Datasheet HTML 17Page - Renesas Technology Corp IDTP9167 Datasheet HTML 18Page - Renesas Technology Corp IDTP9167 Datasheet HTML 19Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
January 28, 2014
17
IDTP9167
Advanced Datasheet
Power Dissipation/Thermal Requirements
In addition to layout techniques described in the previous section, placement of the IDTP9167 DPUs with respect to proximity
to other heat generating devices should be considered as well. System dependent considerations such as thermal mounting,
airflow, heat sinking and convection surfaces will affect the final power dissipation limit of the IDTP9167 in application. The
main PCB factors influencing θJA (in the order of decreasing influence) are the number of copper layers, the number of thermal
Vias connecting the device EPAD to the ground plane, and the ground plane thickness.
The maximum power dissipation for a given situation can be calculated from:
������������(������������������)=(������������(������������������)−������������)
������������������
where: PD(MAX)= Maximum Power Dissipation (W)
θJA = Package Thermal Resistance (°C/W)
TJ(MAX) = Maximum Device Junction Temperature (°C)
TA
= Ambient Temperature (°C)
The maximum operating junction temperature (TJ(MAX)) of the IDTP9167 device is 125°C. The thermal resistance of the
DFN-12 package is optimally θJA=36°C/W. Operation is specified for maximum ambient temperature (TA) of 85°C. Therefore,
the maximum power dissipation is:
������������(������������������)=(������������������°������−������������°������)
������������°������/������ =������.������������



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com