Electronic Components Datasheet Search
  English  ▼

X  

IDTP9167 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # IDTP9167
Description  5.5A Distributed Power Unit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDTP9167 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button IDTP9167 Datasheet HTML 11Page - Renesas Technology Corp IDTP9167 Datasheet HTML 12Page - Renesas Technology Corp IDTP9167 Datasheet HTML 13Page - Renesas Technology Corp IDTP9167 Datasheet HTML 14Page - Renesas Technology Corp IDTP9167 Datasheet HTML 15Page - Renesas Technology Corp IDTP9167 Datasheet HTML 16Page - Renesas Technology Corp IDTP9167 Datasheet HTML 17Page - Renesas Technology Corp IDTP9167 Datasheet HTML 18Page - Renesas Technology Corp IDTP9167 Datasheet HTML 19Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
January 28, 2014
16
IDTP9167
Advanced Datasheet
•
The PCB design and layout can have a significant influence on the power dissipation capabilities of power management
ICs. This is due to the fact that the surface mount packages used with these devices rely heavily on thermally conductive
traces and planes to transfer heat away from the package. The following general guidelines will be helpful in designing a
board layout for low thermal resistance:
1. PC board traces with large cross sectional areas have higher thermal conductivity. If possible, a 2 oz copper ground
plane with ample thermal Vias connecting to the EPAD of the IDTP9167 is recommended.
2. Do not use solder mask or place silkscreen on the heat-dissipating traces/pads, as they increase the net thermal
resistance of the mounted IC package.
Recommended Board Layout
Figure 6 – Recommended board layout of one DPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com