Electronic Components Datasheet Search
  English  ▼

X  

MPC9772 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # MPC9772
Description  3.3V 1:12 LVCMOS PLL Clock Generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9772 Datasheet(HTML) 3 Page - Renesas Technology Corp

  MPC9772 Datasheet HTML 1Page - Renesas Technology Corp MPC9772 Datasheet HTML 2Page - Renesas Technology Corp MPC9772 Datasheet HTML 3Page - Renesas Technology Corp MPC9772 Datasheet HTML 4Page - Renesas Technology Corp MPC9772 Datasheet HTML 5Page - Renesas Technology Corp MPC9772 Datasheet HTML 6Page - Renesas Technology Corp MPC9772 Datasheet HTML 7Page - Renesas Technology Corp MPC9772 Datasheet HTML 8Page - Renesas Technology Corp MPC9772 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
REVISION 8 3/16/16
3
©2016 INTEGRATED DEVICE TECHNOLOGY, INC.
MPC9772 DATA SHEET
Table 1. Pin Configuration
Pin
I/O
Type
Function
CCLK0
Input
LVCMOS
PLL reference clock
CCLK1
Input
LVCMOS
Alternative PLL reference clock
XTAL_IN, XTAL_OUT
Analog
Crystal oscillator interface
FB_IN
Input
LVCMOS
PLL feedback signal input, connect to an QFB
CCLK_SEL
Input
LVCMOS
LVCMOS clock reference select
REF_SEL
Input
LVCMOS
LVCMOS/PECL reference clock select
VCO_SEL
Input
LVCMOS
VCO operating frequency select
PLL_EN
Input
LVCMOS
PLL enable/PLL bypass mode select
MR/OE
Input
LVCMOS
Output enable/disable (high-impedance tristate) and device reset
FSEL_A[0:1]
Input
LVCMOS
Frequency divider select for bank A outputs
FSEL_B[0:1]
Input
LVCMOS
Frequency divider select for bank B outputs
FSEL_C[0:1]
Input
LVCMOS
Frequency divider select for bank C outputs
FSEL_FB[0:2]
Input
LVCMOS
Frequency divider select for the QFB output
INV_CLK
Input
LVCMOS
Clock phase selection for outputs QC2 and QC3
STOP_CLK
Input
LVCMOS
Clock input for clock stop circuitry
STOP_DATA
Input
LVCMOS
Configuration data input for clock stop circuitry
QA[0-3]
Output
LVCMOS
Clock outputs (Bank A)
QB[0-3]
Output
LVCMOS
Clock outputs (Bank B)
QC[0-3]
Output
LVCMOS
Clock outputs (Bank C)
QFB
Output
LVCMOS
PLL feedback output. Connect to FB_IN.
QSYNC
Output
LVCMOS
Synchronization pulse output
GND
Supply
Ground
Negative power supply
VCC_PLL
Supply
VCC
PLL positive power supply (analog power supply). It is recommended to use an external RC
filter for the analog power supply pin VCC_PLL. Please see applications section for details.
VCC
Supply
VCC
Positive power supply for I/O and core. All VCC pins must be connected to the positive power
supply for correct operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com