Electronic Components Datasheet Search
  English  ▼

X  

MPC9772 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # MPC9772
Description  3.3V 1:12 LVCMOS PLL Clock Generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9772 Datasheet(HTML) 4 Page - Renesas Technology Corp

  MPC9772 Datasheet HTML 1Page - Renesas Technology Corp MPC9772 Datasheet HTML 2Page - Renesas Technology Corp MPC9772 Datasheet HTML 3Page - Renesas Technology Corp MPC9772 Datasheet HTML 4Page - Renesas Technology Corp MPC9772 Datasheet HTML 5Page - Renesas Technology Corp MPC9772 Datasheet HTML 6Page - Renesas Technology Corp MPC9772 Datasheet HTML 7Page - Renesas Technology Corp MPC9772 Datasheet HTML 8Page - Renesas Technology Corp MPC9772 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
REVISION 8 3/16/16
4
©2016 Integrated Device Technology, Inc.
MPC9772 DATA SHEET
Table 2. Function Table (Configuration Controls)
Control
Default
0
1
REF_SEL
1
Selects CCLKx as the PLL reference clock
Selects the crystal oscillator as the PLL
reference clock
CCLK_SEL
1
Selects CCLK0
Selects CCLK1
VCO_SEL
1
Selects VCO
2. The VCO frequency is scaled by a factor of 2 (low VCO
frequency range).
Selects VCO
1. (high VCO frequency range)
PLL_EN
1
Test mode with the PLL bypassed. The reference clock is substituted for the
internal VCO output. MPC9772 is fully static and no minimum frequency
limit applies. All PLL related AC characteristics are not applicable.
Normal operation mode with PLL enabled.
INV_CLK
1
QC2 and QC3 are in phase with QC0 and QC1
QC2 and QC3 are inverted (180
 phase shift)
with respect to QC0 and QC1
MR/OE
1
Outputs disabled (high-impedance state) and device is reset. During
reset/output disable the PLL feedback loop is open and the internal VCO
is tied to its lowest frequency. The MPC9772 requires reset after any loss
of PLL lock. Loss of PLL lock may occur when the external feedback path
is interrupted. The length of the reset pulse should be greater than one
reference clock cycle (CCLKx). The device is reset by the internal power-
on reset (POR) circuitry during power-up.
Outputs enabled (active)
VCO_SEL, FSEL_A[0:1], FSEL_B[0:1], FSEL_C[0:1], FSEL_FB[0:2] control the operating PLL frequency range and input/output frequency
ratios. See Table 3 to Table 6 and the Applications Information for supported frequency ranges and output to input frequency ratios.
Table 3. Output Divider Bank A (NA)
VCO_SEL
FSEL_A1
FSEL_A0
QA[0:3]
0
0
0
VCO
8
0
0
1
VCO
12
0
1
0
VCO
16
0
1
1
VCO
24
1
0
0
VCO
4
1
0
1
VCO
6
1
1
0
VCO
8
1
1
1
VCO
12
Table 4. Output Divider Bank B (NB)
VCO_SEL
FSEL_B1
FSEL_B0
QB[0:3]
0
0
0
VCO
8
0
0
1
VCO
12
0
1
0
VCO
16
0
1
1
VCO
20
1
0
0
VCO
4
1
0
1
VCO
6
1
1
0
VCO
8
1
1
1
VCO
10
Table 5. Output Divider Bank C (NC)
VCO_SEL
FSEL_C1
FSEL_C0
QC[0:3]
0
0
0
VCO
4
0
0
1
VCO
8
0
1
0
VCO
12
0
1
1
VCO
16
1
0
0
VCO
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com