Electronic Components Datasheet Search
  English  ▼

X  

MPC9772 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # MPC9772
Description  3.3V 1:12 LVCMOS PLL Clock Generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9772 Datasheet(HTML) 1 Page - Renesas Technology Corp

  MPC9772 Datasheet HTML 1Page - Renesas Technology Corp MPC9772 Datasheet HTML 2Page - Renesas Technology Corp MPC9772 Datasheet HTML 3Page - Renesas Technology Corp MPC9772 Datasheet HTML 4Page - Renesas Technology Corp MPC9772 Datasheet HTML 5Page - Renesas Technology Corp MPC9772 Datasheet HTML 6Page - Renesas Technology Corp MPC9772 Datasheet HTML 7Page - Renesas Technology Corp MPC9772 Datasheet HTML 8Page - Renesas Technology Corp MPC9772 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
DATA SHEET
3.3V 1:12 LVCMOS PLL Clock Generator
MPC9772
MPC9772 REVISION 8 3/16/16
1
©2016 Integrated Device Technology, Inc.
The MPC9772 is a 3.3 V compatible, 1:12 PLL based clock generator targeted
for high performance low-skew clock distribution in mid-range to
high-performance networking, computing and telecom applications. With output
frequencies up to 240 MHz and output skews less than 250 ps the device meets
the needs of the most demanding clock applications.
Features
•
1:12 PLL Based Low-Voltage Clock Generator
•
3.3 V Power Supply
•
Internal Power-On Reset
•
Generates Cock Signals Up to 240 MHz
•
Maximum Output Skew of 250 ps
•
On-Chip Crystal Oscillator Clock Reference
•
Two LVCMOS PLL Reference Clock Inputs
•
External PLL Feedback Supports Zero-Delay Capability
•
Various Feedback and Output Dividers (See Applications Information
Section)
•
Supports Up to Three Individual Generated Output Clock Frequencies
•
Synchronous Output Clock Stop Circuitry for Each Individual Output for
Power Down Support
•
Drives Up to 24 Clock Lines
•
Ambient Temperature Range 0
C to +70C
•
Pin and Function Compatible To the MPC972
•
52-Lead Pb-Free Package
•
For drop in replacement use 87972DYI-147
Functional Description
The MPC9772 utilizes PLL technology to frequency lock its outputs onto an input reference clock. Normal operation of the
MPC9772 requires the connection of the PLL feedback output QFB to feedback input FB_IN to close the PLL feedback path. The
reference clock frequency and the divider for the feedback path determine the VCO frequency. Both must be selected to match
the VCO frequency range. The MPC9772 features an extensive level of frequency programmability between the 12 outputs as
well as the output to input relationships, for instance 1:1, 2:1, 3:1, 3:2, 4:1, 4:3, 5:1, 5:2, 5:3, 5:4, 5:6, 6:1, 8:1, and 8:3.
The QSYNC output will indicate when the coincident rising edges of the above relationships will occur. The selectability of the
feedback frequency is independent of the output frequencies. This allows for very flexible programming of the input reference
versus output frequency relationship. The output frequencies can be either odd or even multiples of the input reference. In addi-
tion the output frequency can be less than the input frequency for applications where a frequency needs to be reduced by a non-
binary factor. The MPC9772 also supports the 180
 phase shift of one of its output banks with respect to the other output banks.
The QSYNC outputs reflects the phase relationship between the QA and QC outputs and can be used for the generation of sys-
tem baseline timing signals.
The REF_SEL pin selects the internal crystal oscillator or the LVCMOS compatible inputs as the reference clock signal. Two
alternative LVCMOS compatible clock inputs are provided for clock redundancy support. The PLL_EN control selects the PLL
bypass configuration for test and diagnosis. In this configuration, the selected input reference clock is routed directly to the output
dividers bypassing the PLL. The PLL bypass is fully static and the minimum clock frequency specification and all other PLL char-
acteristics do not apply.
The outputs can be individually disabled (stopped in logic low state) by programming the serial CLOCK_STOP interface of the
MPC9772. The MPC9772 has an internal power-on reset.
The MPC9772 is fully 3.3 V compatible and requires no external loop filter components. All inputs (except XTAL) accept
LVCMOS signals while the outputs provide LVCMOS compatible levels with the capability to drive terminated 50
 transmission
lines. For series terminated transmission lines, each of the MPC9772 outputs can drive one or two traces giving the devices an
effective fanout of 1:24. The device is pin and function compatible to the MPC972 and is packaged in a 52-lead LQFP package.
3.3 V 1:12 LVCMOS
PLL CLOCK GENERATOR
AE SUFFIX
52-LEAD LQFP PACKAGE
Pb-FREE PACKAGE
CASE 848D-03
MPC9772
PRODUCT DISCONTINUATION NOTICE - LAST TIME BUY EXPIRES SEPTEMBER 7, 2016


Similar Part No. - MPC9772

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9772 MOTOROLA-MPC9772 Datasheet
238Kb / 16P
3.3V 1:12 LVCMOS PLL Clock Generator
logo
Integrated Device Techn...
MPC9772 IDT-MPC9772 Datasheet
442Kb / 17P
3.3V 1:12 LVCMOS PLL Clock Generator Internal Power-On Reset
More results

Similar Description - MPC9772

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9772 MOTOROLA-MPC9772 Datasheet
238Kb / 16P
3.3V 1:12 LVCMOS PLL Clock Generator
logo
Alliance Semiconductor ...
ASM5I9350 ALSC-ASM5I9350 Datasheet
473Kb / 12P
3.3V 1:10 LVCMOS PLL Clock Generator
logo
Exar Corporation
XRK697H73 EXAR-XRK697H73 Datasheet
279Kb / 12P
1:12 LVCMOS PLL CLOCK GENERATOR
XRK69772 EXAR-XRK69772 Datasheet
283Kb / 12P
1:12 LVCMOS PLL CLOCK GENERATOR
XRK69773 EXAR-XRK69773 Datasheet
289Kb / 12P
1:12 LVCMOS PLL CLOCK GENERATOR
logo
PulseCore Semiconductor
PCS5I9653A PULSECORE-PCS5I9653A Datasheet
644Kb / 13P
3.3V 1:8 LVCMOS PLL Clock Generator
PCS5I9658 PULSECORE-PCS5I9658 Datasheet
613Kb / 15P
3.3V 1:10 LVCMOS PLL Clock Generator
logo
Renesas Technology Corp
MPC9330 RENESAS-MPC9330 Datasheet
348Kb / 14P
3.3V, 1:6, LVCMOS PLL Clock Generator
3/11/16
MPC9658 RENESAS-MPC9658 Datasheet
681Kb / 13P
3.3V 1:10 LVCMOS PLL Clock Generator
2019
MPC9893 RENESAS-MPC9893 Datasheet
452Kb / 15P
3.3V 1:12 LVCMOS PLL Clock Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com