Electronic Components Datasheet Search
  English  ▼

X  

MPC9772 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # MPC9772
Description  3.3V 1:12 LVCMOS PLL Clock Generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9772 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button MPC9772 Datasheet HTML 3Page - Renesas Technology Corp MPC9772 Datasheet HTML 4Page - Renesas Technology Corp MPC9772 Datasheet HTML 5Page - Renesas Technology Corp MPC9772 Datasheet HTML 6Page - Renesas Technology Corp MPC9772 Datasheet HTML 7Page - Renesas Technology Corp MPC9772 Datasheet HTML 8Page - Renesas Technology Corp MPC9772 Datasheet HTML 9Page - Renesas Technology Corp MPC9772 Datasheet HTML 10Page - Renesas Technology Corp MPC9772 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
REVISION 8 3/16/16
7
©2016 INTEGRATED DEVICE TECHNOLOGY, INC.
MPC9772 DATA SHEET
t()
Propagation Delay (static phase offset)(7)
CCLK to FB_IN
6.25 MHz < fREF < 65.0 MHz
65.0 MHz < fREF < 125 MHz
fREF=50 MHz and feedback=8
–3
–4
–166
+3
+4
+166
ps
PLL locked
tSK(O)
Output-to-output Skew(8)
within QA outputs
within QB outputs
within QC outputs
all outputs
100
100
100
250
ps
ps
ps
ps
DC
Output Duty Cycle(9)
(T
2) – 200
T
2
(T
2) + 200
ps
tR, tF
Output Rise/Fall Time
0.1
1.0
ns
0.55 to 2.4 V
tPLZ, HZ
Output Disable Time
8
ns
tPZL, LZ
Output Enable Time
8
ns
tJIT(CC)
Cycle-to-cycle Jitter(10)
150
200
ps
tJIT(PER)
Period Jitter(11)
150
ps
tJIT()
I/O Phase Jitter RMS (1
)(12)
4 feedback
6 feedback
8 feedback
10 feedback
12 feedback
16 feedback
20 feedback
24 feedback
32 feedback
40 feedback
11
86
13
88
16
19
21
22
27
30
ps
ps
ps
ps
ps
ps
ps
ps
ps
ps
(VCO=400 MHz)
BW
PLL closed loop bandwidth(13)
4 feedback
6 feedback
8 feedback
10 feedback
12 feedback
16 feedback
20 feedback
24 feedback
32 feedback
40 feedback
1.20 – 3.50
0.70 – 2.50
0.50 – 1.80
0.45 – 1.20
0.30 – 1.00
0.25 – 0.70
0.20 – 0.55
0.17 – 0.40
0.12 – 0.30
0.11 – 0.28
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
tLOCK
Maximum PLL Lock Time
10
ms
1. AC characteristics apply for parallel output termination of 50
 to V
TT.
2. In bypass mode, the MPC9772 divides the input reference clock.
3. The input reference frequency must match the VCO lock range divided by the total feedback divider ratio: fREF= fVCO  (M Þ VCO_SEL).
4. The crystal frequency range must both meet the interface frequency range and VCO lock range divided by the feedback divider ratio:
fXTAL(min, max) = fVCO(min, max)  (M  VCO_SEL) and 10 MHz  fXTAL  25 MHz.
5. Calculation of reference duty cycle limits: DCREF,MIN = tPW,MIN  fREF  100% and DCREF,MAX = 100% – DCREF, MIN.
6. The MPC9772 will operate with input rise/fall times up to 3.0 ns, but the A.C. characteristics, specifically t(), tPW,MIN, DC and fMAX can only
be guaranteed if tR, tF are within the specified range.
7. Static phase offset depends on the reference frequency. t() [s] = t() []  (fREF  360).
8. Excluding QSYNC output. See application section for part-to-part skew calculation.
9. Output duty cycle is DC = (0.5
 200 ps  f
OUT)
 100%. E.g. the DC range at fOUT = 100 MHz is 48% < DC < 52%. T = output period.
10. Cycle jitter is valid for all outputs in the same divider configuration. See Applications Information section for more details.
11. Period jitter is valid for all outputs in the same divider configuration. See Applications Information section for more details.
12. I/O jitter is valid for a VCO frequency of 400 MHz. See Applications Information section for I/O jitter vs. VCO frequency.
13. –3 dB point of PLL transfer characteristics.
Table 10. AC Characteristics (VCC = 3.3 V ± 5%, TA = –40° to +85°C)
(1), (2), continued on next page
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
TA = 0°C
to +70°C
TA = –40°C
to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com