Electronic Components Datasheet Search
  English  ▼

X  

MPC9772 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # MPC9772
Description  3.3V 1:12 LVCMOS PLL Clock Generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9772 Datasheet(HTML) 2 Page - Renesas Technology Corp

  MPC9772 Datasheet HTML 1Page - Renesas Technology Corp MPC9772 Datasheet HTML 2Page - Renesas Technology Corp MPC9772 Datasheet HTML 3Page - Renesas Technology Corp MPC9772 Datasheet HTML 4Page - Renesas Technology Corp MPC9772 Datasheet HTML 5Page - Renesas Technology Corp MPC9772 Datasheet HTML 6Page - Renesas Technology Corp MPC9772 Datasheet HTML 7Page - Renesas Technology Corp MPC9772 Datasheet HTML 8Page - Renesas Technology Corp MPC9772 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
REVISION 8 3/16/16
2
©2016 Integrated Device Technology, Inc.
MPC9772 DATA SHEET
Figure 1. Logic Diagram
Figure 2. MPC9772 52-Lead Package Pinout (Top View)
PLL
4, 6, 8, 12
0
1
1
0
1
0
1
0
QFB
QSYNC
12
3
2
2
2
All input resistors have a value of 25k
1
0
XTAL_IN
XTAL_OUT
CCLK0
CCLK1
FSEL_A[0:1]
FSEL_B[0:1]
FSEL_C[0:1]
INV_CLK
QA0
QA1
QA2
QA3
QB0
QB1
QB2
QB3
QC0
QC1
Bank A
Bank B
Bank C
Clock Stop
VCO
Ref
FB
SYNC PULSE
4, 6, 8, 10
12, 16, 20
2, 4, 6, 8
4, 6, 8, 10
QC2
QC3
FSEL_FB[0:2]
STOP_DATA
STOP_CLK
MR/OE
CCLK_SEL
REF_SEL
FB_IN
VCO_SEL
PLL_EN
VCC
CLK
Stop
CLK
Stop
CLK
Stop
CLK
Stop
CLK
Stop
XTAL
VCC
VCC
VCC
2
1
Power-On Reset
FSEL_B1
FSEL_B0
FSEL_A1
FSEL_A0
QA3
VCC
QA2
GND
QA1
VCC
QA0
GND
VCO_SEL
FSEL_FB1
QSYNC
GND
QC0
VCC
QC1
FSEL_C0
FSEL_C1
QC2
VCC
QC3
GND
INV_CLK
40
41
42
43
44
45
46
47
48
49
50
51
52
25
24
23
22
21
20
19
18
17
16
15
14
1 2 3 4 5 6 7 8 9 101112 13
39 38 37 36 35 34 33 32 31 30 29 28 27
26
MPC9772



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com