Electronic Components Datasheet Search
  English  ▼

X  

MIC24066 Datasheet(PDF) 24 Page - Microchip Technology

Part # MIC24066
Description  36V, 6A High Performance Switching Buck Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24066 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MIC24066 Datasheet HTML 20Page - Microchip Technology MIC24066 Datasheet HTML 21Page - Microchip Technology MIC24066 Datasheet HTML 22Page - Microchip Technology MIC24066 Datasheet HTML 23Page - Microchip Technology MIC24066 Datasheet HTML 24Page - Microchip Technology MIC24066 Datasheet HTML 25Page - Microchip Technology MIC24066 Datasheet HTML 26Page - Microchip Technology MIC24066 Datasheet HTML 27Page - Microchip Technology MIC24066 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
MIC24066/7
DS20006730A-page 24
 2022 Microchip Technology Inc. and its subsidiaries
The MIC24066/7 also features an auxiliary low voltage
LDO which is powered by EXTVDD. When the voltage
on the EXTVDD is higher than 4.6V (typ), this auxiliary
LDO is enabled and powers all the internal circuitry. At
the same time the main high voltage LDO is disabled.
This increases the efficiency of the system by reducing
the differential voltage across the high voltage LDO and
hence reducing the power losses in the LDO. In
general the output of the buck converter is used as the
power supply for the auxiliary LDO by connecting
EXTVDD pin to the output of the buck converter. The
maximum voltage that can be applied at the EXTVDD
is limited to 14V. The following Figure 4-13 shows the
internal 5V LDO and EXTVDD connection in
MIC24066/7.
FIGURE 4-13:
MIC24066/7 EXTVDD.
Considering the EXTVDD is powered from VOUT of
buck regulator. The VOUT is noisy if there is a fast
changing load. When VOUT > 5V + VDROPOUT, the noise
could be suppressed by loop of 12V LDO. But when
VOUT = 5V, the 12V LDO works in dropout mode, so
there is no loop gain. The LDO acts just like a resistor.
It is not recommended to connect EXTVDD to VOUT, if
VOUT < EXTVDD rising threshold.
4.5.5
POWER GOOD (PG)
The Power Good (PG) pin is an open drain output
which indicates logic high when the output is nominally
> 92% of its steady state voltage. A pull-up resistor of
more than 10 kΩ should be connected from PG to
VDD.
4.5.6
EN FUNCTION
The MIC24066/7 has EN pin which is used either to
enable/disable switching. When EN pin threshold is
higher than 1.6V, MIC24066/7 starts functioning. The
internal regulator will power up and starts switching.
The following Figure 4-14 shows the EN pin
sequencing.
FIGURE 4-14:
EN Pin Sequencing.
When EN pin threshold is below 0.6V, MIC24066/7 put
in to shutdown mode. The MIC24066/7 stops switching
and all internal control circuitry switched OFF to reduce
quiescent current. The EN pin along with PG pin can be
used for sequencing multiple MIC24066/7. It is
recommended to power up VIN before EN signal.
4.5.7
NEGATIVE CURRENT LIMIT
The MIC24066/7 implements negative current limit by
sensing the SW voltage when the low-side FET is ON.
If the SW node voltage exceeds 48 mV typical, the
device turns off the low-side FET for 500 ns. Negative
current limit value is shown in Equation 4-8.
EQUATION 4-8:
4.5.8
AUXILIARY BOOTSTRAP LDO
(EXTVDD)
The MIC24066/7 features an auxiliary bootstrap LDO
which improves the system efficiency by supplying the
internal circuit bias power and gate drivers from the
converter output voltage. This LDO is enabled when
the voltage on the EXTVDD pin is above 4.6V (typical)
and at the same time the main LDO which operates
from VIN is disabled to reduce power consumption.
UVLO
SVIN
EN
PVDD/VDD
Bias ready
VOUT
5V
Bypass
INLIM
48 mV
RDSON
-----------------
=
Where:
INLIM
= Negative Current Limit
RDSON = On-Resistance of Low-Side Power MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com