Electronic Components Datasheet Search
  English  ▼

X  

MIC24066 Datasheet(PDF) 6 Page - Microchip Technology

Part # MIC24066
Description  36V, 6A High Performance Switching Buck Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24066 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MIC24066 Datasheet HTML 2Page - Microchip Technology MIC24066 Datasheet HTML 3Page - Microchip Technology MIC24066 Datasheet HTML 4Page - Microchip Technology MIC24066 Datasheet HTML 5Page - Microchip Technology MIC24066 Datasheet HTML 6Page - Microchip Technology MIC24066 Datasheet HTML 7Page - Microchip Technology MIC24066 Datasheet HTML 8Page - Microchip Technology MIC24066 Datasheet HTML 9Page - Microchip Technology MIC24066 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
MIC24066/7
DS20006730A-page 6
 2022 Microchip Technology Inc. and its subsidiaries
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: PVIN = SVIN = 12V, VOUT = 1.2V, VBST – VSW = 5V; TA = 25°C, unless noted. Bold values
indicate 40°C ≤ TJ ≤ +125°C.
Parameters
Symbol
Min.
Typ. Max. Units
Conditions
Power Supply Input
PVIN, SVIN Voltage Range
VIN
4.5
—
36
V
Quiescent Supply Current
IQ
—300
600
µA
VFBS = +1.5V, MODE = GND
—1.4
1.8
mA
VFBS = +1.5V, No Switching
Shut Down Current
ISD
—5
10
µA
Power from VIN, VEN = 0V
—30
50
µA
VIN = VDD = 5.5V, VEN = 0V
PVDD and EXTVDD
PVDD Output Voltage Range
VDD
4.8
5.1
5.4
VSVIN = 7V to 36V, IPVDD < = 10 mA
VDD Undervoltage
Lockout Upper Threshold
VDDUV_R
3.7
4.2
4.5
V
VDD rising
VDD UVLO Hysteresis
VDDUV_HYS
—
600
—
mV
Hysteresis
VDD Regulation
ΔVDD
—1
2.5
%
VIN = 24V, IVDD from 1 mA to
40 mA (Note 5)
VDD Regulator Dropout Voltage
VDROP_VDD
0.7
—1.25
V
SVIN = 5.5V, IPVDD = 25 mA
EXTVDD Switchover
Voltage
VSO_EXTVDD
4.4
4.6
4.8
V
EXTVDD rising
EXTVDD Switchover
Voltage Hysteresis
VSO_HYS
—
200
—
mV
Hysteresis
EXTVDD Dropout
Voltage
VDROP_EXTVDD
—250
—
mV
VEXTVDD = 5V, IPVDD = 25 mA
EXTVDD Leakage
Current
ILK_EXTVDD
—0.1
—
µA
VEXTVDD = 14V, VEN = 0V
Soft Start
Soft Start Period
tSS
—
5
—
ms
Fixed internal SS (MIC24067)
Soft Start Source Current
ISS
0.8
1.3
3
µA
Programmable SS (MIC24066)
Reference
Feedback Regulation Voltage
VFB
0.597
0.6 0.603
V
TJ = 25ºC
0.594
—
0.606
-40ºC ≤ TJ ≤ +125ºC
FBS Bias Current
IFBS
—50
500
nA
VFBS = +0.6V
Enable
Enable Threshold Voltage High
VEN_THH
1.6
—
—
V
Enable rising
Enable Threshold Voltage Low
VEN_THL
——
0.6
V
Enable falling
Enable Hysteresis
VEN_HYS
—150
—
mV
Enable Bias Current
IEN
—6
30
µA
VEN = 12V
MODE (MIC24067)
Note 1: Exceeding the absolute maximum rating may damage the device.
2: Devices are ESD Sensitive. Handling precautions recommended. Human body model: 1.5 kΩ in series
with 100 pF.
3: The device is not guaranteed to function outside its operating range.
4: PD(MAX) = (TJ(MAX) - TA) /θJA, where θJA depends upon the printed circuit layout. A 5 square inch 4 layer,
0.62'', FR-4 PCB with 2 oz finish copper weight per layer is used for the θJA.
5: Measured in test mode.
6: The maximum duty-cycle is limited by the fixed mandatory off-time of typically 300 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com