Electronic Components Datasheet Search
  English  ▼

X  

MIC24066 Datasheet(PDF) 9 Page - Microchip Technology

Part # MIC24066
Description  36V, 6A High Performance Switching Buck Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24066 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MIC24066 Datasheet HTML 5Page - Microchip Technology MIC24066 Datasheet HTML 6Page - Microchip Technology MIC24066 Datasheet HTML 7Page - Microchip Technology MIC24066 Datasheet HTML 8Page - Microchip Technology MIC24066 Datasheet HTML 9Page - Microchip Technology MIC24066 Datasheet HTML 10Page - Microchip Technology MIC24066 Datasheet HTML 11Page - Microchip Technology MIC24066 Datasheet HTML 12Page - Microchip Technology MIC24066 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006730A-page 9
MIC24066/7
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VIN = 12V; VOUT = 5V; fSW = 400 kHz; VBST – VSW = 5V; TA = +25°C.
Measurements were done using Typical Application Circuit schematic unless specific changes are mentioned.
FIGURE 2-1:
Efficiency (VOUT = 1V) vs.
Output Current @ 400 kHz (CCM Mode).
FIGURE 2-2:
Efficiency (VOUT = 2.5V) vs.
Output Current @ 400 kHz (CCM Mode).
FIGURE 2-3:
Efficiency (VOUT = 1V) vs.
Output Current @ 800 kHz (CCM Mode).
FIGURE 2-4:
Efficiency (VOUT = 3.3V) vs.
Output Current @ 400 kHz (CCM Mode).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
Power components for different outputs used for following Performance Curves
VOUT Config
CINJ
RINJ
RBOT
RTOP
CFF
LCSNB
RSNB
1V
43 kΩ
47 nF
12.1 kΩ
8.06 kΩ
2.2nF
1.15µH
220 pF
1.2Ω
2.5V
43 kΩ
47 nF
2.05 kΩ
6.49 kΩ
2.2 nF
3.3 µH
220 pF
1.2Ω
3.3V
43 kΩ
47 nF
2.05 kΩ
9.31 kΩ
2.2 nF
3.3 µH
220 pF
1.2Ω
5V
43 kΩ
47 nF
2.05 kΩ
15 kΩ
1 nF
3.3 µH
220 pF
1.2Ω
0
10
20
30
40
50
60
70
80
90
100
0123456
Load (A)
VIN = 12V
VIN = 24V
VIN = 36V
V = 8V
0
10
20
30
40
50
60
70
80
90
100
012
3456
Load (A)
VIN = 12V
VIN = 36V
V = 8V
0
10
20
30
40
50
60
70
80
90
100
0123456
Load (A)
VIN = 8V
VIN = 12V
0
10
20
30
40
50
60
70
80
90
100
0123456
Load (A)
VIN = V
VIN =
V
V =
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com