Electronic Components Datasheet Search
  English  ▼

X  

MIC24066 Datasheet(PDF) 32 Page - Microchip Technology

Part # MIC24066
Description  36V, 6A High Performance Switching Buck Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24066 Datasheet(HTML) 32 Page - Microchip Technology

Back Button MIC24066 Datasheet HTML 28Page - Microchip Technology MIC24066 Datasheet HTML 29Page - Microchip Technology MIC24066 Datasheet HTML 30Page - Microchip Technology MIC24066 Datasheet HTML 31Page - Microchip Technology MIC24066 Datasheet HTML 32Page - Microchip Technology MIC24066 Datasheet HTML 33Page - Microchip Technology MIC24066 Datasheet HTML 34Page - Microchip Technology MIC24066 Datasheet HTML 35Page - Microchip Technology MIC24066 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
MIC24066/7
DS20006730A-page 32
 2022 Microchip Technology Inc. and its subsidiaries
5(&200(1'(' /$1' 3$77(51



%6&%DVLF'LPHQVLRQ7KHRUHWLFDOO\ H[DFWYDOXH VKRZQ ZLWKRXWWROHUDQFHV
1RWHV
'LPHQVLRQLQJDQGWROHUDQFLQJ SHU $60( <0
)RUEHVWVROGHULQJUHVXOWVWKHUPDO YLDVLIXVHGVKRXOGEHILOOHG RU WHQWHGWRDYRLGVROGHUORVVGXULQJ
UHIORZ SURFHVV


)RUWKHPRVWFXUUHQWSDFNDJHGUDZLQJVSOHDVHVHHWKH0LFURFKLS3DFNDJLQJ6SHFLILFDWLRQ ORFDWHG DW
KWWSZZZPLFURFKLSFRPSDFNDJLQJ
1RWH
0LFURFKLS7HFKQRORJ\'UDZLQJ &5HY$
&
&
&
&
(9
(9
‘9
;
<
<
<
<
;
<
;
(
;
;
*
*
*
*
*
*
6,/. 6&5((1
/HDG 9HU\ 7KLQ3ODVWLF 4XDG )ODW 1R /HDG3DFNDJH 41$  [[PP%RG\>94)1@
:LWK 0XWLSOH ([SRVHG 3DGV
'LPHQVLRQ /LPLWV
8QLWV
&
&RQWDFW 3DG6SDFLQJ
&RQWDFW 3LWFK
0,//,0(7(56
%6&
0,1
(
0$;

&RQWDFW3DG /HQJWK ;QQ
&RQWDFW3DG:LGWK ;QQ
<
;


120
&
&RQWDFW 3DG6SDFLQJ

&HQWHU3DG :LGWK
;
&HQWHU3DG /HQJWK
<


&RQWDFW3DG /HQJWK ;QQ
<

'LPHQVLRQ /LPLWV
8QLWV
&HQWHU3DG /HQJWK
0,//,0(7(56
0,1
0$;

120
&HQWHU3DG :LGWK

*

7KHUPDO 9LD'LDPHWHU
9
7KHUPDO 9LD3LWFK
(9


±
*

&
&RQWDFW 3DG6SDFLQJ

&
&RQWDFW 3DG6SDFLQJ

<
;
*

*

*

*

*

±
±
±
±
±
±
&HQWHU3DG :LGWK
&HQWHU3DG /HQJWK
<
;


*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com