Electronic Components Datasheet Search
  English  ▼

X  

MIC24066 Datasheet(PDF) 5 Page - Microchip Technology

Part # MIC24066
Description  36V, 6A High Performance Switching Buck Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24066 Datasheet(HTML) 5 Page - Microchip Technology

  MIC24066 Datasheet HTML 1Page - Microchip Technology MIC24066 Datasheet HTML 2Page - Microchip Technology MIC24066 Datasheet HTML 3Page - Microchip Technology MIC24066 Datasheet HTML 4Page - Microchip Technology MIC24066 Datasheet HTML 5Page - Microchip Technology MIC24066 Datasheet HTML 6Page - Microchip Technology MIC24066 Datasheet HTML 7Page - Microchip Technology MIC24066 Datasheet HTML 8Page - Microchip Technology MIC24066 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006730A-page 5
MIC24066/7
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings†(1)
SVIN, PVIN to PGND.................................................................................................................................... -0.3V to +45V
VDD to PGND ................................................................................................................................................ -0.3V to +6V
PVDD to PGND.............................................................................................................................................. -0.3V to +6V
FREQ, ILIM, EN to PGND................................................................................................................. -0.3V to (VIN +0.3V)
SW to PGND..................................................................................................................................... -0.3V to (VIN +0.3V)
BST to SW .................................................................................................................................................. -0.3V to +12V
SS/MODE, FB, PG, to PGND ......................................................................................................... -0.3V to (VDD + 0.3V)
EXTVDD to AGND ...................................................................................................................................... -0.3V to +14V
PGND to AGND ......................................................................................................................................... -0.3V to +0.3V
Maximum Junction Temperature (TJ).................................................................................................................... +150°C
Storage Temperature (TS).......................................................................................................................-65°C to +150°C
Lead Temperature (TLEAD).................................................................................................................................... +300°C
ESD Rating(2)(HBM) .............................................................................................................................................±1500V
ESD Rating (2)(CDM).............................................................................................................................................±1500V
Operating Ratings‡
Supply Voltage (SVIN, PVIN)........................................................................................................................... 4.5V to 36V
PVDD, VDD Pin Voltage.................................................................................................................................. 4.3V to 5.5V
SS/MODE, PG Pin Voltage ............................................................................................................................... 0V to VDD
EXTVDD Pin Voltage ........................................................................................................................................ 0V to 12V
ILIM, FREQ, SW, EN ..........................................................................................................................................0V to VIN
Junction Temperature(3) (TJ) .................................................................................................................. -40°C to +125°C
Note 1: Exceeding the absolute maximum rating may damage the device.
2: Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5 kΩ in series with
100 pF.
3: The device is not guaranteed to function outside operating range.
†Notice: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage
to the device. This is a stress rating only and functional operation of the device at those or any other
conditions above those indicated in the operational sections of this specification is not intended. Exposure
to maximum rating conditions for extended periods may affect device reliability.
‡Notice: The device is not guaranteed to function outside its operating ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com