Electronic Components Datasheet Search
  English  ▼

X  

MIC24066 Datasheet(PDF) 28 Page - Microchip Technology

Part # MIC24066
Description  36V, 6A High Performance Switching Buck Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24066 Datasheet(HTML) 28 Page - Microchip Technology

Back Button MIC24066 Datasheet HTML 24Page - Microchip Technology MIC24066 Datasheet HTML 25Page - Microchip Technology MIC24066 Datasheet HTML 26Page - Microchip Technology MIC24066 Datasheet HTML 27Page - Microchip Technology MIC24066 Datasheet HTML 28Page - Microchip Technology MIC24066 Datasheet HTML 29Page - Microchip Technology MIC24066 Datasheet HTML 30Page - Microchip Technology MIC24066 Datasheet HTML 31Page - Microchip Technology MIC24066 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
MIC24066/7
DS20006730A-page 28
 2022 Microchip Technology Inc. and its subsidiaries
6.0
PCB LAYOUT GUIDELINES
PCB layout is critical to achieve reliable, stable, and
efficient performance. A ground plane is required to
control EMI and minimize the inductance in power and
signal return paths. Use star ground technique
between AGND and PGND, and minimize trace length
for high-current paths.
Follow these guidelines to ensure proper operation of
the MIC24066/7 buck regulator.
6.1
Integrated Circuit
• The 2.2 µF ceramic capacitor, which is connected
to the VDD pin, must be located right at the IC.
The VDD pin is very noise sensitive, so placement
of the capacitor is critical. Use wide traces to
connect to the VDD, PVDD and PGND pins.
• Connect a 2.2 µF ceramic capacitor to the
EXTVDD pin, which must be located right at the
IC.
• Connect the Analog Ground pin (AGND) directly
to the ground planes. Do not route the AGND pin
to the PGND pad on the top layer.
• Place the IC close to the point of load (POL).
• Use thick traces and minimize trace length for the
input and output power lines.
• Keep the signal and power grounds separate and
connected at only one location.
6.2
Input Capacitor
• Use parallel input capacitors to minimize effective
ESR and ESL of the input capacitor.
• Place input capacitors next to the high-side power
MOSFETs for each phase channel.
• Place the input capacitors on the same side of the
board and as close to the IC as possible.
• Connect the VIN supply to VIN pin through a 1.2Ω
resistor and connect a 1 µF ceramic capacitor
from VIN pin to PGND pin. Keep both the VIN pin
and GND connections short.
• Place several vias to the ground plane close to
the input capacitors ground terminal.
• Use either X7R or X5R dielectric input ceramic
capacitors. Do not use Y5V or Z5U type
capacitors.
• Do not replace the ceramic input capacitor with
any other type of capacitor. Any additional other
type of capacitor can be placed in parallel with the
input capacitor.
• In "Hot-Plug" applications, use electrolytic bypass
capacitor to limit the overvoltage spike seen on
the input supply when power is suddenly applied.
6.3
Inductor
• Keep the inductor connection to the switch node
(SW1, SW2) short.
• Do not route any signal traces underneath or
close to the inductor.
• Keep the switch node (SW1, SW2) away from the
feedback (FBS) pin.
• Connect the CSPx and CSNx pins directly to the
drain and source of the low-side power MOSFET
respectively and route the CSP and CSN traces
together for each phase channel to accurately
sense the voltage across the low-side MOSFET to
achieve accurate current sensing.
• To minimize noise, place a ground plane under
the inductor.
• The inductor can be placed on the opposite side
of the PCB with respect to the IC. There should be
sufficient vias on the power traces to conduct high
current between the inductor and the IC and
output load. It does not matter whether the IC or
inductor is on the top or bottom as long as there is
enough heatsink and air flow to keep the power
components within their temperature limits. Place
the input and output capacitors on the same side
of the board as the IC.
6.4
Output Capacitor
• Use a wide trace to connect the output capacitor
ground terminal to the input capacitor ground
terminal.
• The feedback trace should be separate from the
power trace and connected as close as possible
to the output capacitor. Sensing a long high
current load trace can degrade the DC load
regulation.
6.5
VOUT Remote Sense
• The remote sense traces must be routed close
together or on adjacent layers to minimize noise
pickup. The traces should be routed away from
the switch node, inductors, MOSFETs and other
high dv/dt or di/dt sources.
6.6
RC Snubber
• Place the RC snubber on either side of the board
and as close to the SW pin as possible.
Note:
To minimize EMI and output noise, follow
these layout recommendations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com