Electronic Components Datasheet Search
  English  ▼

X  

MIC24066 Datasheet(PDF) 8 Page - Microchip Technology

Part # MIC24066
Description  36V, 6A High Performance Switching Buck Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24066 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MIC24066 Datasheet HTML 4Page - Microchip Technology MIC24066 Datasheet HTML 5Page - Microchip Technology MIC24066 Datasheet HTML 6Page - Microchip Technology MIC24066 Datasheet HTML 7Page - Microchip Technology MIC24066 Datasheet HTML 8Page - Microchip Technology MIC24066 Datasheet HTML 9Page - Microchip Technology MIC24066 Datasheet HTML 10Page - Microchip Technology MIC24066 Datasheet HTML 11Page - Microchip Technology MIC24066 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
MIC24066/7
DS20006730A-page 8
 2022 Microchip Technology Inc. and its subsidiaries
PG Low State Voltage
VPG_L
—70
200
mV
VFB < 90% × VNOM, IPG = 1 mA
PG Leakage Current
ILEAK(PG)
——
100
nA
VPG = 5.5V
Thermal Shutdown
Thermal Shutdown Threshold
TSD
—
160
—
°C
TJ rising
Thermal Shutdown Hysteresis
TSD_HYS
—
20
—
°C
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: PVIN = SVIN = 12V, VOUT = 1.2V, VBST – VSW = 5V; TA = 25°C, unless noted. Bold values
indicate 40°C ≤ TJ ≤ +125°C.
Parameters
Symbol
Min.
Typ. Max. Units
Conditions
Note 1: Exceeding the absolute maximum rating may damage the device.
2: Devices are ESD Sensitive. Handling precautions recommended. Human body model: 1.5 kΩ in series
with 100 pF.
3: The device is not guaranteed to function outside its operating range.
4: PD(MAX) = (TJ(MAX) - TA) /θJA, where θJA depends upon the printed circuit layout. A 5 square inch 4 layer,
0.62'', FR-4 PCB with 2 oz finish copper weight per layer is used for the θJA.
5: Measured in test mode.
6: The maximum duty-cycle is limited by the fixed mandatory off-time of typically 300 ns.
TEMPERATURE SPECIFICATIONS
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Operating Junction Temperature Range
TJ
-40
—
+125
°C
Note 1
Maximum Junction Temperature
TJ(ABSMAX)
——
+150
°C
Storage Temperature Range
TS
-65
—
+150
°C
Lead Temperature
TLEAD
—
—
+300
°C
Soldering, 10s
Package Thermal Resistance
Thermal Resistance, 5 mm x 6 mm,
36-Lead VQFN
JB
—
10.2
—
°C/W
Junction to Board
JC(Top)
—
31.2
—
°C/W
Junction to Case (Top)
JA
—
33.7
—
°C/W
Junction to Ambient
JT
—
11.1
—
°C/W
Junction to Top
JB
—
11.8
—
°C/W
Junction to Bot
Note 1: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable
junction temperature and the thermal resistance from junction to air (i.e., TA, TJ, θJA). Exceeding the
maximum allowable power dissipation will cause the device operating junction temperature to exceed the
maximum +125°C rating. Sustained junction temperatures above +125°C can impact the device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com