Electronic Components Datasheet Search
  English  ▼

X  

MIC24066 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC24066
Description  36V, 6A High Performance Switching Buck Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24066 Datasheet(HTML) 1 Page - Microchip Technology

  MIC24066 Datasheet HTML 1Page - Microchip Technology MIC24066 Datasheet HTML 2Page - Microchip Technology MIC24066 Datasheet HTML 3Page - Microchip Technology MIC24066 Datasheet HTML 4Page - Microchip Technology MIC24066 Datasheet HTML 5Page - Microchip Technology MIC24066 Datasheet HTML 6Page - Microchip Technology MIC24066 Datasheet HTML 7Page - Microchip Technology MIC24066 Datasheet HTML 8Page - Microchip Technology MIC24066 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006730A-page 1
MIC24066/7
Features
• Input Voltage Range: 4.5V to 36V
• Adjustable Output from 0.6V to 32V (also limited
by Duty Cycle)
• High Current Capability of 6A for MIC24066/7
• Adaptive Constant On Time Control
• 0.6V Internal Reference with ±1% Accuracy
• Up to 800 kHz Switching Frequency
• High Voltage Internal LDO for Single Supply
Operation
• Secondary LDO to Improve System Efficiency
• Supports Start-up to Pre-bias Output
• Internal Compensator for Tight Output Regulation
• Enable Function for Low Stand-by Current
• Programmable HLL/CCM Operation (MIC24067)
• Programmable Soft Start Time (MIC24066)
• Programmable Current Limit and Hiccup Short
Circuit Protection
• Thermal Shut Down with Hysteresis
• Compact Size: 5 mm x 6 mm 36-Pin Wettable
Flank VQFN
• -40°C to +125°C Junction Temperature Ranges
Applications
• Servers and Workstations
• Routers, Switches and Telecom Equipment
• Base Stations
• High Power Density Point-of-Load Conversion
General Description
The MIC24066/7 is a family of commercial 36V syn-
chronous switching regulators delivering 6A of load
current.
The MIC24066/7 are wide input range (4.5V-36V)
integrated FET switching regulator which supports 6A
load. These devices have an enhanced high voltage
COT controller co-packaged with a pair of N-Channel
FETS with improved avalanche rating.
The output voltage is adjustable down to 0.6V with ±1%
accuracy. The Hyper Speed Control® proprietary
architecture allows for ultra-fast transient response
while reducing the output capacitance.
These devices feature programmable switching
frequency from 270 kHz to 800 kHz. The operating
mode under light load conditions can be selected
between
HyperLight
Load®
(HLL)
mode
and
Continuous Conduction Mode (CCM) in MIC24067.
HLL mode results in higher efficiency than that of the
CCM mode under light load conditions while the CCM
mode keeps the switching frequency almost constant
over the entire load current range. The enable pin (EN)
allows user to enable/disable the device operation. The
secondary LDO (powered by EXTVDD) allows user to
operate the system at increased efficiency by supplying
the device bias power from the output of the switching
regulator.
An open drain PGOOD pin provides a power good
signal to indicate output voltage is within ±10% of the
target level.
These devices offer a full suite of protection features to
ensure safe operation of the IC during fault conditions.
These include UVLO, hiccup current limit short circuit
protection and thermal shutdown.
These devices are available in a 36-pin 5 mm x 6 mm,
Wettable Flank VQFN with a junction operating range
from -40°C to +125°C.
36V, 6A High Performance Switching Buck Regulators


Similar Part No. - MIC24066

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC24045 MICROCHIP-MIC24045 Datasheet
979Kb / 46P
I2C Programmable, 4.5V-19V Input, 5A Step-Down Converter
07/14/15
MIC24045-2ZYFL MICROCHIP-MIC24045-2ZYFL Datasheet
979Kb / 46P
I2C Programmable, 4.5V-19V Input, 5A Step-Down Converter
07/14/15
logo
Micrel Semiconductor
MIC24046 MICREL-MIC24046 Datasheet
2Mb / 27P
Pin-Programmable, 4.5V ??19V, 5A Step-Down Converter
logo
Microchip Technology
MIC24046 MICROCHIP-MIC24046 Datasheet
4Mb / 38P
Pin-Programmable, 19V Input, 5A Step-Down Converter
Revision A (May 2022)
logo
Micrel Semiconductor
MIC24046-H MICREL-MIC24046-H Datasheet
1Mb / 24P
Pin-Programmable, 4.5V ??19V, 5A Step-Down Converter
More results

Similar Description - MIC24066

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4611 SEMTECH-SC4611 Datasheet
255Kb / 11P
Wide Input Range High Performance Synchronous Buck Switching Regulator
logo
Micrel Semiconductor
MIC24051 MICREL-MIC24051 Datasheet
1Mb / 30P
12V, 6A High-Efficiency Buck Regulator
MIC24052 MICREL-MIC24052 Datasheet
1Mb / 30P
12V, 6A High-Efficiency Buck Regulator
logo
Global Mixed-mode Techn...
G5313 GMT-G5313 Datasheet
57Kb / 1P
High Efficiency 6A Synchronous Buck Converter
logo
Diodes Incorporated
AL8806 DIODES-AL8806_13 Datasheet
468Kb / 15P
HIGH EFFICIENCY 36V 1.5A BUCK LED DRIVER
Rev 5
logo
Major-Power Technology ...
MA5609 MPOWER-MA5609 Datasheet
472Kb / 9P
36V Synchronous Buck Converter
MA5611 MPOWER-MA5611 Datasheet
396Kb / 7P
36V Synchronous Buck Converter
logo
Analog Devices
MAX25239 AD-MAX25239 Datasheet
1Mb / 24P
Automotive 2V to 36V, 6A Buck-Boost Converters
Rev 6; 7/22
LT3154 AD-LT3154 Datasheet
3Mb / 32P
6A Low Noise, High Performance Buck-Boost DC/DC Converter
Rev. 0
MAX42405 AD-MAX42405 Datasheet
1Mb / 18P
36V, 5A/6A Fully Integrated Synchronous Buck Converters
19-101745; Rev 0; 11/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com