Electronic Components Datasheet Search
  English  ▼

X  

DAC39RF10 Datasheet(PDF) 39 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RF10 10.24-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC39RF10 Datasheet(HTML) 39 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 35Page - Texas Instruments DAC39RF10 Datasheet HTML 36Page - Texas Instruments DAC39RF10 Datasheet HTML 37Page - Texas Instruments DAC39RF10 Datasheet HTML 38Page - Texas Instruments DAC39RF10 Datasheet HTML 39Page - Texas Instruments DAC39RF10 Datasheet HTML 40Page - Texas Instruments DAC39RF10 Datasheet HTML 41Page - Texas Instruments DAC39RF10 Datasheet HTML 42Page - Texas Instruments DAC39RF10 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 178 page
background image
Typical values at TA = +25°C, minimum and maximum values over operating free-air temperature range, typical supply
voltages, 2 channels, FINPUT = 2.56GSPS, JMODE 1, 8b/10b encoding, 4x Interpolation, FDAC = 10.24 GSPS, FOUT =
2997MHz, NRZ mode, IFSSWITCH = 20.5mA, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IVDDA18
1.8-V combined supply current for
VDDA18A and VDDA18B
Power Mode 7: Dual DAC
programmed as single DAC, FINPUT
= 10.24GSPS, JMODE 0, 2x DES
Interpolation, FDAC = 20.48 GSPS,
FOUT = 7997MHz, DES mode
48
mA
IVEE
–1.8-V combined supply current for
VEEAM18 and VEEBM18
70
IVDDCLK18
1.8-V combined supply current for
VDDCLK18 and VDDSYS18
86
IVDDCLK
1.0-V combined supply current
for VDDLB, VDDLA and VDDCLK10
810
IVDDIO
1.8-V combined supply current for
VDDIO
1
IVDDE
1.0-V combined supply current for
VDDEB and VDDEA
660
IVDDDIG
1.0-V supply current for VDDDIG
950
IVDDT
1.0-V supply current for SerDes digital
supply
740
IVDDR18
1.8-V supply current for SerDes
analog supply
83
PDIS
Total power dissipation
3670
mW
IVDDA18
1.8-V combined supply current for
VDDA18A and VDDA18B
Power Mode 8: Dual DAC
programmed as single DAC, FINPUT
= 20.48GSPS, JMODE 14 (8-bit
resolution), FDAC = 20.48 GSPS,
FOUT = 7997MHz, DES mode
48
mA
IVEE
–1.8-V combined supply current for
VEEAM18 and VEEBM18
70
IVDDCLK18
1.8-V combined supply current for
VDDCLK18 and VDDSYS18
86
IVDDCLK
1.0-V combined supply current
for VDDLB, VDDLA and VDDCLK10
810
IVDDIO
1.8-V combined supply current for
VDDIO
1
IVDDE
1.0-V combined supply current for
VDDEB and VDDEA
660
IVDDDIG
1.0-V supply current for VDDDIG
780
IVDDT
1.0-V supply current for SerDes digital
supply
740
IVDDR18
1.8-V supply current for SerDes
analog supply
83
PDIS
Total power dissipation
3510
mW
www.ti.com
DAC39RF10
SBASAC8 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: DAC39RF10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com