Electronic Components Datasheet Search
  English  ▼

X  

DAC39RF10 Datasheet(PDF) 48 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RF10 10.24-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC39RF10 Datasheet(HTML) 48 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 44Page - Texas Instruments DAC39RF10 Datasheet HTML 45Page - Texas Instruments DAC39RF10 Datasheet HTML 46Page - Texas Instruments DAC39RF10 Datasheet HTML 47Page - Texas Instruments DAC39RF10 Datasheet HTML 48Page - Texas Instruments DAC39RF10 Datasheet HTML 49Page - Texas Instruments DAC39RF10 Datasheet HTML 50Page - Texas Instruments DAC39RF10 Datasheet HTML 51Page - Texas Instruments DAC39RF10 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 178 page
background image
8.3 Feature Description
This section describes the analog and digital features of the device.
8.3.1 DAC Output Modes
The DAC39RF10 consists of a multi-Nyquist DAC core capable of direct transmission through the third Nyquist
zone. The high output frequency capabilities are enabled by specific output switching waveforms that alter the
output waveform, changing the frequency response of the DAC to enhance the DAC images in alternate Nyquist
zones. The desired switching waveforms can be selected through the serial interface. A list of modes along with
their properties and uses are provided in Table 8-1. The responses shown in this section do not consider the
effect of the DAC analog bandwidth or external passive or active signal chain components.
Table 8-1. Summary of Multi-Nyquist Output Modes and Uses
DAC OUTPUT MODE
PASSES DC
Optimal Frequency Range
PEAK OUTPUT POWER(1)
Other
Non-return-to-zero (NRZ)
Yes
0 - FDACCLK/2
0 dBFS
Return-to-zero (RTZ)
Yes
0 - FDACCLK
–6 dBFS
Radio Frequency (RF)
No
FDACCLK/2 - FDACCLK
–2.8 dBFS
Dual Edge Sampling (DES)
Yes
0 - FDACCLK
0 dBFS
Duty cycle image at FDACCLK -
IF
(1)
Peak power here does not include the effect of analog output bandwidth due to parasitic passive components or external components
DAC39RF10
SBASAC8 – MAY 2023
www.ti.com
48
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: DAC39RF10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com