Electronic Components Datasheet Search
  English  ▼

X  

DAC39RF10 Datasheet(PDF) 23 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RF10 10.24-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC39RF10 Datasheet(HTML) 23 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 19Page - Texas Instruments DAC39RF10 Datasheet HTML 20Page - Texas Instruments DAC39RF10 Datasheet HTML 21Page - Texas Instruments DAC39RF10 Datasheet HTML 22Page - Texas Instruments DAC39RF10 Datasheet HTML 23Page - Texas Instruments DAC39RF10 Datasheet HTML 24Page - Texas Instruments DAC39RF10 Datasheet HTML 25Page - Texas Instruments DAC39RF10 Datasheet HTML 26Page - Texas Instruments DAC39RF10 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 178 page
background image
7.6 Electrical Characteristics - AC Specifications (continued)
Typical values at TA = +25°C, minimum and maximum values over operating free-air temperature range, typical supply
voltages, fCLK = 10.24GHz, FINPUT = 2.56 GSPS, JMODE 1, 8b/10b encoding, 4x Interpolation, IFS_SWITCH = 20.5mA, single
tone amplitude = 0 dBFS, SE DEM and Dither (DEM_ADJ = 1 below 750 MHz and DEM_ADJ = 0 above 750MHz), 8b/10b
encoding, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
20.48 GSPS, SINGLE CHANNEL MODE, 10.24GSPS INPUT, JMODE 0, 2x DES INTERPOLATION MODE
POUT
Output power with 2:1 balun and 50Ω
load, IFS_SWITCH = 20.5mA
fOUT = 97 MHz
1.5
dBm
fOUT = 997 MHz
1.5
dBm
fOUT = 1997 MHz
1
dBm
fOUT = 2997 MHz
0.7
dBm
fOUT = 3997 MHz
0
dBm
fOUT = 5997 MHz
-1
dBm
fOUT = 6997 MHz
-2
dBm
fOUT = 7997 MHz
-3
dBm
fOUT = 8997 MHz
-4
dBm
POUT
Output power with 2:1 balun and 50Ω
load, IFS_SWITCH = 41mA
fOUT = 97 MHz
6.5
dBm
fOUT = 997 MHz
6
dBm
fOUT = 1997 MHz
5
dBm
fOUT = 2997 MHz
4.5
dBm
fOUT = 3997 MHz
4
dBm
fOUT = 5997 MHz
3
dBm
fOUT = 6997 MHz
2.5
dBm
fOUT = 7997 MHz
2
dBm
fOUT = 8997 MHz
1
dBm
SFDR
Spurious free dynamic range (SFDR)
across 0 - FDAC/4, IFS_SWITCH =
20.5mA
fOUT = 97 MHz
84
dBc
fOUT = 997 MHz
67
dBc
fOUT = 1997 MHz
71
dBc
fOUT = 2997 MHz
77
dBc
fOUT = 3997 MHz
77
dBc
Spurious free dynamic range (SFDR)
across FDAC/4 - FDAC/2, IFS_SWITCH =
20.5mA
fOUT = 5997 MHz
55
dBc
fOUT = 6997 MHz
48
dBc
fOUT = 7997 MHz
65
dBc
fOUT = 8997 MHz
55
dBc
Spurious free dynamic range (SFDR)
across 0 - FDAC/4, IFS_SWITCH = 41mA
fOUT = 97 MHz
76
dBc
fOUT = 997 MHz
52
dBc
fOUT = 1997 MHz
66
dBc
fOUT = 2997 MHz
75
dBc
fOUT = 3997 MHz
70
dBc
Spurious free dynamic range (SFDR)
across FDAC/4 - FDAC/2, IFS_SWITCH =
41mA
fOUT = 5997 MHz
60
dBc
fOUT = 6997 MHz
50
dBc
fOUT = 7997 MHz
65
dBc
fOUT = 8997 MHz
40
dBc
www.ti.com
DAC39RF10
SBASAC8 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: DAC39RF10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com