Electronic Components Datasheet Search
  English  ▼

X  

DAC39RF10 Datasheet(PDF) 13 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RF10 10.24-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC39RF10 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 9Page - Texas Instruments DAC39RF10 Datasheet HTML 10Page - Texas Instruments DAC39RF10 Datasheet HTML 11Page - Texas Instruments DAC39RF10 Datasheet HTML 12Page - Texas Instruments DAC39RF10 Datasheet HTML 13Page - Texas Instruments DAC39RF10 Datasheet HTML 14Page - Texas Instruments DAC39RF10 Datasheet HTML 15Page - Texas Instruments DAC39RF10 Datasheet HTML 16Page - Texas Instruments DAC39RF10 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 178 page
background image
7.6 Electrical Characteristics - AC Specifications
Typical values at TA = +25°C, minimum and maximum values over operating free-air temperature range, typical supply
voltages, fCLK = 10.24GHz, FINPUT = 2.56 GSPS, JMODE 1, 8b/10b encoding, 4x Interpolation, IFS_SWITCH = 20.5mA, single
tone amplitude = 0 dBFS, SE DEM and Dither (DEM_ADJ = 1 below 750 MHz and DEM_ADJ = 0 above 750MHz), 8b/10b
encoding, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
MODE INDEPENDENT PARAMETERS
FCLK
DAC clock rate
0.8
10.24
GHz
BW
Analog output bandwidth (–3 dB)
Excluding sinx/x response. Useable
bandwidth may exceed the –3 dB
point.
11
GHz
Crosstalk
Isolation between channel A
(DACOUTA+/–) and channel B
(DACOUTB+/-), fOUT = -25 MHz
offset on victim channel
fOUT = 97 MHz, NRZ mode
92
dBc
fOUT = 1897 MHz, NRZ mode
88
dBc
fOUT = 3897 MHz, NRZ mode
84
dBc
fOUT = 5897 MHz, RF mode
80
dBc
fOUT = 7897 MHz, RF mode
74
dBc
DAC OUTPUT TIME DOMAIN CHARACTERISTICS
tRISE
10% to 90%(1)
JMODE 0, 1x Interpolation
33
ps
tFALL
90% to 10%(1)
JMODE 0, 1x Interpolation
33
ps
tSETTLE
10% to 90%, setting time to
0.1%FS(1)
JMODE 0, 1x Interpolation
1.8
ns
GI
Glitch Impulse, constant code
0x7FFF
JMODE 0, 1x Interpolation, DEM off,
Dither off
30
fV*s
JMODE 0, 1x Interpolation, SE DEM,
SE Dither
100
Glitch Impulse, 0x7FFF to 0x8000((2))
JMODE 0, 1x Interpolation, DEM off,
Dither off
45
JMODE 0, 1x Interpolation, SE DEM,
SE Dither
100
www.ti.com
DAC39RF10
SBASAC8 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: DAC39RF10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com