Electronic Components Datasheet Search
  English  ▼

X  

DAC39RF10 Datasheet(PDF) 45 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RF10 10.24-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC39RF10 Datasheet(HTML) 45 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 41Page - Texas Instruments DAC39RF10 Datasheet HTML 42Page - Texas Instruments DAC39RF10 Datasheet HTML 43Page - Texas Instruments DAC39RF10 Datasheet HTML 44Page - Texas Instruments DAC39RF10 Datasheet HTML 45Page - Texas Instruments DAC39RF10 Datasheet HTML 46Page - Texas Instruments DAC39RF10 Datasheet HTML 47Page - Texas Instruments DAC39RF10 Datasheet HTML 48Page - Texas Instruments DAC39RF10 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 178 page
background image
7.11 Typical Characteristics
Typical values at TA = +25°C, minimum and maximum values over operating free-air temperature range, typical supply
voltages, fCLK = 10.24 GHz, IFS_SWITCH = 20.5mA, single tone amplitude = 0 dBFS, Dither and DEM enabled, unless
otherwise noted.
Frequency (GHz)
0
2
4
6
8
10
12
14
16
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
-3dB = 11 GHz
10.24 GSPS
8 GSPS
Fit
Not including Sin(x)/x response, PCB and cable loss removed.
Figure 7-8. Output Response vs Frequency
www.ti.com
DAC39RF10
SBASAC8 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
45
Product Folder Links: DAC39RF10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com