Electronic Components Datasheet Search
  English  ▼

X  

MPC105 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # MPC105
Description  MPC105 PCI Bridge/Memory Controller Hardware Specifications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC105 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button MPC105 Datasheet HTML 12Page - NXP Semiconductors MPC105 Datasheet HTML 13Page - NXP Semiconductors MPC105 Datasheet HTML 14Page - NXP Semiconductors MPC105 Datasheet HTML 15Page - NXP Semiconductors MPC105 Datasheet HTML 16Page - NXP Semiconductors MPC105 Datasheet HTML 17Page - NXP Semiconductors MPC105 Datasheet HTML 18Page - NXP Semiconductors MPC105 Datasheet HTML 19Page - NXP Semiconductors MPC105 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
105 Hardware Specifications
Preliminary/Subject to Change without Notice
DWE3
(CKO)
L11
Low
Output
DWE4
J10
Low
Output
DWE5
H10
Low
Output
DWE6
H11
Low
Output
DWE7
(CKE)
N15
Low
Output
HIT
T4
Low
Input
TALE
T1
High
Output
TALOE
T5
Low
Output
TOE/DBG1
U4
Low
Output
TV
T6
High
I/O
TWE
R5
Low
Output
Memory Interface Signals
BCTL0
F16
Low
Output
BCTL1
F15
Low
Output
CAS/DQM0–CAS/DQM7
J15, H15, G16, E16, G14, G13, F14, E14
Low
Output
CKE/DWE7
N15
High
Output
FOE/RCS1
D13
Low
Output
MA0–MA11
(AR0–AR11)
U16, T16, R16, P15, P16, N16, M15, M16,
L15, K15, K16, J16
High
Output
PAR0–PAR7
(AR0–AR7)
D16, D15, C16, C15, B16, C14, A16, B15
High
I/O
RAS/CS0–RAS/CS7
M14, L13, K13, K14, K12, L10, J12, K11
Low
Output
RCS0
R15
Low
I/O
RTC
G15
High
Input
SDCAS
E13
Low
Output
SDRAS
J14
Low
Output
WE
T15
Low
Output
Table 9. Pinout Listing1 (Continued)
Signal Name
Pin Number
Active
I/O
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com