Electronic Components Datasheet Search
  English  ▼

X  

MPC105 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # MPC105
Description  MPC105 PCI Bridge/Memory Controller Hardware Specifications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC105 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button MPC105 Datasheet HTML 6Page - NXP Semiconductors MPC105 Datasheet HTML 7Page - NXP Semiconductors MPC105 Datasheet HTML 8Page - NXP Semiconductors MPC105 Datasheet HTML 9Page - NXP Semiconductors MPC105 Datasheet HTML 10Page - NXP Semiconductors MPC105 Datasheet HTML 11Page - NXP Semiconductors MPC105 Datasheet HTML 12Page - NXP Semiconductors MPC105 Datasheet HTML 13Page - NXP Semiconductors MPC105 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
105 Hardware Specifications
Preliminary/Subject to Change without Notice
Figure 4. Output Timing Diagram
1.3.3 JTAG AC Timing Specifications
Table 8 provides the JTAG AC timing specifications.
Table 8. JTAG AC Timing Specifications (Independent of SYSCLK)
Num
Characteristic
Min
Max
Unit
TCK frequency of operation
0
25
MHz
1
TCK cycle time
40
—
ns
2
TCK clock pulse width measured at 1.5 V
20
—
ns
3
TCK rise and fall times
0
3
ns
4
TRST setup time to TCK falling edge
10
—
ns
5
TRST assert time
10
—
ns
6
Boundary-scan input data setup time
5
—
ns
7
Boundary-scan input data hold time
15
—
ns
8
TCK to output data valid
0
30
ns
9
TCK to output high impedance
0
30
ns
10
TMS, TDI data setup time
5
—
ns
11
TMS, TDI data hold time
15
—
ns
121
TCK to TDO data valid
0
15
ns
SYSCLK
19
23
22
25
26
26
ALL OUTPUTS
(Except TS, ARTRY)
TS
ARTRY
VM
VM
VM = Midpoint Voltage (1.4 V)
25
VM
22
29
27
28
30
21
20
24
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com