Electronic Components Datasheet Search
  English  ▼

X  

MPC105 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # MPC105
Description  MPC105 PCI Bridge/Memory Controller Hardware Specifications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC105 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button MPC105 Datasheet HTML 7Page - NXP Semiconductors MPC105 Datasheet HTML 8Page - NXP Semiconductors MPC105 Datasheet HTML 9Page - NXP Semiconductors MPC105 Datasheet HTML 10Page - NXP Semiconductors MPC105 Datasheet HTML 11Page - NXP Semiconductors MPC105 Datasheet HTML 12Page - NXP Semiconductors MPC105 Datasheet HTML 13Page - NXP Semiconductors MPC105 Datasheet HTML 14Page - NXP Semiconductors MPC105 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
105 Hardware Specifications
11
Preliminary/Subject to Change without Notice
Figure 5 provides the JTAG clock input timing diagram.
Figure 5. Clock Input Timing Diagram
Figure 6 provides the TRST timing diagram.
Figure 6. TRST Timing Diagram
Figure 7 provides the boundary-scan timing diagram.
Figure 7. Boundary-Scan Timing Diagram
131
TCK to TDO high impedance
0
15
ns
Note:
1. Load capacitance = 20 pF
Table 8. JTAG AC Timing Specifications (Independent of SYSCLK) (Continued)
Num
Characteristic
Min
Max
Unit
TCK
2
2
1
VM
VM
VM
3
3
VM = Midpoint Voltage
4
5
TRST
TCK
6
7
INPUT DATA VALID
8
9
8
OUTPUT DATA VALID
OUTPUT DATA VALID
TCK
DATA INPUTS
DATA OUTPUTS
DATA OUTPUTS
DATA OUTPUTS
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com