Electronic Components Datasheet Search
  English  ▼

X  

MPC105 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # MPC105
Description  MPC105 PCI Bridge/Memory Controller Hardware Specifications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC105 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button MPC105 Datasheet HTML 10Page - NXP Semiconductors MPC105 Datasheet HTML 11Page - NXP Semiconductors MPC105 Datasheet HTML 12Page - NXP Semiconductors MPC105 Datasheet HTML 13Page - NXP Semiconductors MPC105 Datasheet HTML 14Page - NXP Semiconductors MPC105 Datasheet HTML 15Page - NXP Semiconductors MPC105 Datasheet HTML 16Page - NXP Semiconductors MPC105 Datasheet HTML 17Page - NXP Semiconductors MPC105 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
105 Hardware Specifications
Preliminary/Subject to Change without Notice
Table 9 provides the pinout listing for the MPC105.
Table 9. Pinout Listing1
Signal Name
Pin Number
Active
I/O
60x Processor Interface Signals
A0–A31
R2, P2, N2, M2, L2, K2, J5, K4, K5, K6, J2,
J6, J3, J4, H3, H4, H2, G2, F1, E1, E2, F4,
E3, D1, C1, C2, B1, C3, B2, E4, D3, E5
High
I/O
AACK
D2
Low
I/O
ARTRY
F2
Low
I/O
BR0
L3
Low
Input
BG0
K3
Low
Output
BR1
(DIRTY_IN)
T3
Low
Input
BG1
(DIRTY_OUT)
R4
Low
Output
CI
N3
Low
I/O
DBG0
L5
Low
Output
DBG1
(TOE)
U4
Low
Output
DH0–DH31
T14, R13, R14, P13, P14, N13, U3, W1, V2,
W2, V3, W3, V4, W4, V5, W5, V6, W6, V7,
W7, V8, W8, N8, W9, V9, W10, V10, W11,
V11, W12, V12, W13
High
I/O
DL0–DL31
U6, T7, U7, T8, U8, R8, P8, N9, P9, R9, U9,
T9, U10, T10, U13, T13, R12, N14, M13, T2,
U1, U2, V1, U15, V16, U14, W16, V15, W15,
V14, W14, V13
High
I/O
GBL
M3
Low
I/O
TA
N1
Low
I/O
TBST
L4
Low
I/O
TEA
J1
Low
Output
TS
R1
Low
I/O
TSIZ0–TSIZ2
G3, G4, F3
High
I/O
TT0–TT4
G1, H1, K1, L1, M1
High
I/O
WT
M4
Low
I/O
XATS
P1
Low
Input
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com