Electronic Components Datasheet Search
  English  ▼

X  

MPC105 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MPC105
Description  MPC105 PCI Bridge/Memory Controller Hardware Specifications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC105 Datasheet(HTML) 3 Page - NXP Semiconductors

  MPC105 Datasheet HTML 1Page - NXP Semiconductors MPC105 Datasheet HTML 2Page - NXP Semiconductors MPC105 Datasheet HTML 3Page - NXP Semiconductors MPC105 Datasheet HTML 4Page - NXP Semiconductors MPC105 Datasheet HTML 5Page - NXP Semiconductors MPC105 Datasheet HTML 6Page - NXP Semiconductors MPC105 Datasheet HTML 7Page - NXP Semiconductors MPC105 Datasheet HTML 8Page - NXP Semiconductors MPC105 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
105 Hardware Specifications
3
Preliminary/Subject to Change without Notice
•
PCI interface
— Compliant with PCI Local Bus Specification, Revision 2.0
— Supports PCI interlocked accesses to memory using LOCK signal and protocol
— Supports accesses to all PCI address spaces
— Selectable big- or little-endian operation
— Store gathering on PCI writes to memory
— Selectable memory prefetching of PCI read accesses
— Only one external load presented by the MPC105 to the PCI bus
— PCI configuration registers
— Interface operates at 16–33 MHz
— Data buffering (in/out)
— Parity supported
— 3.3 V/5.0 V compatible
•
Concurrent transactions on 60x and PCI buses supported
•
Memory interface
— Programmable timing supported
— Supports either DRAM or SDRAM
— High bandwidth (64-bit) data bus
— Supports self-refreshing DRAM in sleep and suspend modes
— Supports 1 to 8 banks built of x1, x4, x8, x9, x16, or x18 DRAMs
— Supports PowerPC reference platform-compliant contiguous or discontiguous memory maps
— 1 Gbyte of RAM space, 16 Mbytes of ROM space
— Supports 8-bit asynchronous ROM or 32-/64-bit burst-mode ROM
— Supports writing to Flash ROM
— Configurable external buffer control logic
— Parity supported
— TTL compatible
•
Power management
— Fully-static 3.3 V CMOS design
— Supports 60x nap, doze, and sleep power management modes, and suspend mode
•
IEEE 1149.1-compliant, JTAG boundary-scan interface
•
304-pin ball grid array (BGA) package
1.2 General Parameters
The following list provides a summary of the general parameters of the MPC105.
Technology
0.5
µm CMOS, four-layer metal
Chip size
6.69 mm x 5.82 mm (38.9 mm2)
Chip performance
25 MHz, 33.33 MHz, 50 MHz, and 66.67 MHz
Package
Surface mount 304-pin C4 ceramic ball grid array (CBGA)
Power supplies
3.3 V
± 5%
Maximum input rating
5.0 V
± 10%
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com