Electronic Components Datasheet Search
  English  ▼

X  

MPC105 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MPC105
Description  MPC105 PCI Bridge/Memory Controller Hardware Specifications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC105 Datasheet(HTML) 4 Page - NXP Semiconductors

  MPC105 Datasheet HTML 1Page - NXP Semiconductors MPC105 Datasheet HTML 2Page - NXP Semiconductors MPC105 Datasheet HTML 3Page - NXP Semiconductors MPC105 Datasheet HTML 4Page - NXP Semiconductors MPC105 Datasheet HTML 5Page - NXP Semiconductors MPC105 Datasheet HTML 6Page - NXP Semiconductors MPC105 Datasheet HTML 7Page - NXP Semiconductors MPC105 Datasheet HTML 8Page - NXP Semiconductors MPC105 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
105 Hardware Specifications
Preliminary/Subject to Change without Notice
1.3 MPC105 Electrical and Thermal Characteristics
This section provides both the AC and DC electrical specifications and thermal characteristics for the
MPC105. The following specifications are preliminary and subject to change without notice. For the most
recent specifications, contact your local Motorola sales office.
1.3.1 DC Electrical Characteristics
Table 1 and Table 2 provide the absolute maximum rating and thermal characteristics for the MPC105.
Table 3 provides the DC electrical characteristics for the MPC105.
Table 1. Absolute Maximum Ratings
Characteristic
Symbol
Value
Unit
Supply voltage
Vdd
–0.3 to 3.6
V
Input voltage
Vin
–0.3 to 5.5
V
Junction temperature
TJ
0 to 105
°C
Storage temperature range
Tstg
–55 to 150
°C
Notes:
1. Functional operating conditions are given in Table 3. Absolute maximum ratings are stress ratings only,
and functional operation at the maximums is not guaranteed. Stresses beyond those listed may affect
device reliability or cause permanent damage to the device.
2. Caution: Input voltage must not be greater than the supply voltage by more than 2.5 V at all times
including during power-on reset.
Table 2. Thermal Characteristics
Characteristic
Symbol
Value
Rating
CBGA package thermal resistance, junction to case
θJC
0.133
°C/W
Note: TJ = TA + PD X θJA where θJA = θJC + θCA, see Section 1.6, “System Design Information,” for additional
information.
Table 3. DC Electrical Specifications
Vdd = 3.3
± 5% Vdc, GND = 0 Vdc
Characteristic
Symbol
Min
Max
Unit
Input high voltage (all inputs except SYSCLK)
VIH
2
5.5
V
Input low voltage (all inputs except SYSCLK)
VIL
GND
0.8
V
SYSCLK input high voltage
CVIH
2.4
5.5
V
SYSCLK input low voltage
CVIL
GND
0.4
V
Input leakage current
Iin
—10
µA
Hi-Z (off-state) leakage current
ITSI
—10
µA
Output high voltage, IOH = 18 mA
VOH
2.4
—
V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com