Electronic Components Datasheet Search
  English  ▼

X  

MPC105 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MPC105
Description  MPC105 PCI Bridge/Memory Controller Hardware Specifications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC105 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MPC105 Datasheet HTML 3Page - NXP Semiconductors MPC105 Datasheet HTML 4Page - NXP Semiconductors MPC105 Datasheet HTML 5Page - NXP Semiconductors MPC105 Datasheet HTML 6Page - NXP Semiconductors MPC105 Datasheet HTML 7Page - NXP Semiconductors MPC105 Datasheet HTML 8Page - NXP Semiconductors MPC105 Datasheet HTML 9Page - NXP Semiconductors MPC105 Datasheet HTML 10Page - NXP Semiconductors MPC105 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
105 Hardware Specifications
7
Preliminary/Subject to Change without Notice
Table 6. Input AC Timing Specifications
Vdd = 3.3
± 5% Vdc, GND = 0 Vdc
Num
Characteristic
Min
Max
Unit
Notes
10
A0–A31, PAR0–PAR7, TT0–TT4, AACK, TA, GBL, CI, WT, TV
input valid to SYSCLK (input setup)
4.0
—
ns
1
11
DL0–DL31, DH0–DH31, TBST, TSIZ0–TSIZ2. Input valid to
SYSCLK (input setup)
2.5
—
ns
2
12
HIT, TS, ARTRY, BR0, BR1, XATS input signals valid to SYSCLK
(input setup)
5.0
—
ns
3
13
Mode select inputs valid to HRST (input setup)
3 *
tSYS
—
ns
4, 5
14
LOCK, FLSHREQ, ISA_MASTER,
C/BE0–C/BE3, PAR, TRDY, IRDY, FRAME, STOP, DEVSEL,
PERR, SERR, AD0–AD31 input signals valid to SYSCLK (input
setup)
7.0
—
ns
6
15
PCI point-to-point signals input signals valid to SYSCLK (input
setup)
10.0
—
ns
7
16
SYSCLK to inputs invalid
(input hold)
1.0
—
ns
1–3,
17
SYSCLK to PCI inputs invalid
(input hold)
0.0
—
ns
6,7
18
HRST to mode select inputs invalid (input hold)
1.0
—
ns
4, 8
Notes:
All input specifications are measured from the TTL level (0.8 or 2.0 V) of the signal in question to the
1.4 V of the rising edge of SYSCLK. Processor and memory interface signals are specified from the
rising edge of the processor and memory bus clock, which is the same as SYSCLK in 1:1 mode, but
is twice the frequency in 2:1 mode (processor/memory bus clock rising edges occur on every rising
and falling edge of SYSCLK). Both input and output timings are measured at the pin.
1. Inputs are composed of the following processor interface signals—A0–A31, PAR0–PAR7,
TT0–TT4, AACK, TA, GBL, CI, WT, TV.
2. Inputs are composed of the following processor interface signals—DL0–DL31, DH0–DH31, TBST,
TSIZ0–TSIZ2.
3. Inputs are composed of the following processor and L2 interface signals—HIT, TS, ARTRY, BR0,
BR1, XATS.
4. The setup and hold time is with respect to the rising edge of HRST; see Figure 3. The following
signals encompass the mode (or configuration) pins for MPC105—RCS0, BCTL0, DL0, XATS, and
FNR.
5. tSYS is the period of the external clock (SYSCLK) in nanoseconds
6. Inputs are composed of all PCI bus signals: LOCK, FLSHREQ, ISA_MASTER, C/BE0–C/BE3,
PAR, TRDY, IRDY, FRAME, STOP, DEVSEL, PERR, SERR, AD0–AD31.
7. Inputs are composed of all PCI point-to-point signals. GNT has a setup time of 10.0 ns for a 33
MHZ PCI clock.
8. Guaranteed by design, not tested.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com