Electronic Components Datasheet Search
  English  ▼

X  

MPC105 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # MPC105
Description  MPC105 PCI Bridge/Memory Controller Hardware Specifications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC105 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button MPC105 Datasheet HTML 15Page - NXP Semiconductors MPC105 Datasheet HTML 16Page - NXP Semiconductors MPC105 Datasheet HTML 17Page - NXP Semiconductors MPC105 Datasheet HTML 18Page - NXP Semiconductors MPC105 Datasheet HTML 19Page - NXP Semiconductors MPC105 Datasheet HTML 20Page - NXP Semiconductors MPC105 Datasheet HTML 21Page - NXP Semiconductors MPC105 Datasheet HTML 22Page - NXP Semiconductors MPC105 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
105 Hardware Specifications
19
Preliminary/Subject to Change without Notice
1.5.2 Mechanical Dimensions
Figure 11 shows the mechanical dimensions for the MPC105.
Figure 11. MPC105 Mechanical Dimensions
2.5 mm
B
A
P
C
A1
0.200
2X
0.200
2X
– E –
– F –
0.200
– T –
T
H
N
G
K
∅ 0.300
1 2 3456 789 10 11 12 13 14 15 16
W
V
U
T
R
P
N
M
L
K
J
H
G
F
E
D
C
B
A
303X
∅ D
S
T
S
E
S
F
∅ 0.300 S T
*Not to scale
Note: All measurements are in mm.
MIN
MAX
A
25.0 BASIC
B
21.0 BASIC
C
2.3
3.16
D
0.82
0.93
G
1.27 BASIC
H
0.79
0.99
K
0.635 BASIC
N
5.8
6.3
P
6.7
6.9
Top View
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com