Electronic Components Datasheet Search
  English  ▼

X  

AD9460 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9460
Description  16-Bit, 80 MSPS/105 MSPS ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9460 Datasheet(HTML) 4 Page - Analog Devices

  AD9460 Datasheet HTML 1Page - Analog Devices AD9460 Datasheet HTML 2Page - Analog Devices AD9460 Datasheet HTML 3Page - Analog Devices AD9460 Datasheet HTML 4Page - Analog Devices AD9460 Datasheet HTML 5Page - Analog Devices AD9460 Datasheet HTML 6Page - Analog Devices AD9460 Datasheet HTML 7Page - Analog Devices AD9460 Datasheet HTML 8Page - Analog Devices AD9460 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD9460
Rev. 0 | Page 4 of 32
AC SPECIFICATIONS
AVDD1 = 3.3 V, AVDD2 = 5.0 V, DRVDD = 3.3 V, LVDS mode, specified minimum sample rate, 3.4 V p-p differential input, internal
trimmed reference (1.7 V mode), AIN = −1.0 dBFS, DCS = AGND (on), SFDR = AGND, unless otherwise noted.
Table 2.
AD9460BSVZ-80
AD9460BSVZ-105
Parameter
Temp
Min
Typ
Max
Min
Typ
Max
Unit
SIGNAL-TO-NOISE RATIO (SNR)
fIN = 10 MHz
25°C
77.6
78.4
77.2
78.1
dB
Full
77.4
76.9
fIN = 170 MHz
25°C
76.1
76.8
75.0
76.2
dB
Full
75.0
74.5
fIN = 225 MHz
25°C
75.7
75.2
dB
SIGNAL-TO-NOISE AND DISTORTION (SINAD)
fIN = 10 MHz
25°C
76.1
78.0
75.2
77.4
dB
Full
74.4
74.5
fIN = 170 MHz
25°C
74.0
76.1
72.0
75.1
dB
Full
72.1
71.2
fIN = 225 MHz
25°C
74.6
73.6
dB
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 10 MHz
25°C
12.8
12.7
bits
fIN = 170 MHz
25°C
12.5
12.4
bits
fIN = 225 MHz
25°C
12.3
12.1
bits
SPURIOUS-FREE DYNAMIC RANGE (SFDR, SECOND
OR THIRD HARMONIC)
fIN = 10 MHz
25°C
80
91
80
88
dBc
Full
78
76
fIN = 170 MHz
25°C
80
87
78
84
dBc
Full
78
74
fIN = 225 MHz
25°C
82
81
dBc
WORST SPUR EXCLUDING SECOND OR
THIRD HARMONICS
fIN = 10 MHz
25°C
94
100
92
98
dBc
Full
91
91
fIN = 170 MHz
25°C
90
98
89
98
dBc
Full
88
85
fIN = 225 MHz
25°C
97
92
dBc
TWO-TONE SFDR
fIN = 139.6 MHz @ −7 dBFS, 140.6 MHz @ −7 dBFS
25°C
89
90
dBFS
ANALOG BANDWIDTH
Full
615
615
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com