Electronic Components Datasheet Search
  English  ▼

X  

AD9460 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9460
Description  16-Bit, 80 MSPS/105 MSPS ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9460 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9460 Datasheet HTML 18Page - Analog Devices AD9460 Datasheet HTML 19Page - Analog Devices AD9460 Datasheet HTML 20Page - Analog Devices AD9460 Datasheet HTML 21Page - Analog Devices AD9460 Datasheet HTML 22Page - Analog Devices AD9460 Datasheet HTML 23Page - Analog Devices AD9460 Datasheet HTML 24Page - Analog Devices AD9460 Datasheet HTML 25Page - Analog Devices AD9460 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
AD9460
Rev. 0 | Page 22 of 32
signal with a nominal ~50% duty cycle. Noise and distortion per-
formance are nearly flat for a 30% to 70% duty cycle with the DCS
enabled. The DCS circuit locks to the rising edge of CLK+ and
optimizes timing internally. This allows for a wide range of input
duty cycles at the input without degrading performance. Jitter in
the rising edge of the input is still of paramount concern and is
not reduced by the internal stabilization circuit. The duty cycle
control loop does not function for clock rates of less than 30 MHz
nominally. The loop is associated with a time constant that
should be considered in applications where the clock rate can
change dynamically, requiring a wait time of 1.5 μs to 5 μs after a
dynamic clock frequency increase or decrease before the DCS
loop is relocked to the input signal. During the time that the
loop is not locked, the DCS loop is bypassed, and the internal
device timing is dependent on the duty cycle of the input clock
signal. In such an application, it can be appropriate to disable the
duty cycle stabilizer. In all other applications, enabling the DCS
circuit is recommended to maximize ac performance.
The DCS circuit is controlled by the DCS MODE pin; a CMOS
logic low (AGND) on DCS MODE enables the duty cycle stabilizer,
and logic high (AVDD1 = 3.3 V) disables the controller.
The AD9460 input sample clock signal must be a high quality,
extremely low phase noise source to prevent degradation of per-
formance. Maintaining 16-bit accuracy places a premium on the
encode clock phase noise. SNR performance can easily degrade
by 3 dB to 4 dB with 70 MHz analog input signals when using a
high jitter clock source. See the AN-501 Application Note,
Aperture Uncertainty and ADC System Performance, for more
information. For optimum performance, the AD9460 must be
clocked differentially. The sample clock inputs are internally
biased to ~1.5 V, and the input signal is usually ac-coupled into
the CLK+ and CLK− pins via a transformer or capacitors.
Figure 48 shows one preferred method for clocking the AD9460.
The clock source (low jitter) is converted from single-ended to
differential using an RF transformer. The back-to-back Schottky
diodes across the secondary of the transformer limit clock
excursions into the AD9460 to approximately 0.8 V p-p
differential. This helps prevent the large voltage swings of the
clock from feeding through to other portions of the AD9460 and
limits the noise presented to the sample clock inputs.
0.1µF
AD9460
CLK+
CLK–
HSMS2812
DIODES
CRYSTAL
SINE
SOURCE
ADT1–1WT
Figure 48. Crystal Clock Oscillator, Differential Encode
If a low jitter clock is available, it helps to band-pass filter the
clock reference before driving the ADC clock inputs. Another
option is to ac couple a differential ECL/PECL signal to the encode
input pins, as shown in Figure 49.
0.1µF
AD9460
ENCODE
ENCODE
0.1µF
VT
VT
ECL/
PECL
Figure 49. Differential ECL for Encode
Jitter Considerations
High speed, high resolution ADCs are sensitive to the quality
of the clock input. The degradation in SNR at a given input
frequency (fINPUT) and rms amplitude due only to aperture jitter
(tJ) can be calculated using the following equation:
SNR = 20 log[2πfINPUT × tJ]
In the equation, the rms aperture jitter represents the root-mean-
square of all jitter sources, including the clock input, analog input
signal, and ADC aperture jitter specification. IF undersampling
applications are particularly sensitive to jitter.
The clock input should be treated as an analog signal in cases
where aperture jitter can affect the dynamic range of the AD9460.
Power supplies for clock drivers should be separated from the
ADC output driver supplies to avoid modulating the clock signal
with digital noise. Low jitter crystal-controlled oscillators make
the best clock sources. If the clock is generated from another type
of source (by gating, dividing, or another method), it should be
synchronized by the original clock during the last step.
POWER CONSIDERATIONS
Care should be taken when selecting a power source. The use of
linear dc supplies is highly recommended. Switching supplies
tend to have radiated components that can be received by the
AD9460. Each of the power supply pins should be decoupled as
closely to the package as possible using 0.1 μF chip capacitors.
The AD9460 has separate digital and analog power supply pins.
The analog supplies are denoted AVDD1 (3.3 V) and AVDD2
(5 V), and the digital supply pins are denoted DRVDD. Although
the AVDD1 and DRVDD supplies can be tied together, best per-
formance is achieved when the supplies are separate. This is
because the fast digital output swings can couple switching
current back into the analog supplies. Note that both AVDD1
and AVDD2 must be held within 5% of the specified voltage.
The DRVDD supply of the AD9460 is a dedicated supply for the
digital outputs in either LVDS or CMOS output modes. When
in LVDS mode, the DRVDD should be set to 3.3 V. In CMOS
mode, the DRVDD supply can be connected from 2.5 V to 3.6 V
for compatibility with the receiving logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com