Electronic Components Datasheet Search
  English  ▼

X  

AD9460 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9460
Description  16-Bit, 80 MSPS/105 MSPS ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9460 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9460 Datasheet HTML 24Page - Analog Devices AD9460 Datasheet HTML 25Page - Analog Devices AD9460 Datasheet HTML 26Page - Analog Devices AD9460 Datasheet HTML 27Page - Analog Devices AD9460 Datasheet HTML 28Page - Analog Devices AD9460 Datasheet HTML 29Page - Analog Devices AD9460 Datasheet HTML 30Page - Analog Devices AD9460 Datasheet HTML 31Page - Analog Devices AD9460 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
AD9460
Rev. 0 | Page 30 of 32
Item
Qty.
Reference Designator
Description
Package
Value1
Manufacturer
Mfg. Part No.
27
2
C1, C44, C551
Capacitor
TAJD
10 μF, DNP
Digi-Key
Corporation
478-1699-2
28
22
C13, C14, C16, C17, C19, C29,
C31, C36, C37, C41, C45, C49,
C61, C69, C70, C72, C73, C75,
C93, C108, C109, C1101
CAP402
402
DNP
29
1
C981
Capacitor
805
DNP
Digi-Key
Corporation
490-1717-1-ND
30
E151
Header
EHOLE
DNP
Mouser
Electronics
517-6111TG
31
J51
SMA
SMA
DNP
Digi-Key
Corporation
ARFX1231-ND
32
P61
Header
C40MS
DNP
Samtec, Inc.
TSW-120-08-L-D-RA
33
2
R1, R21
BRES402
402
DNP
34
3
R5, R7, R91
BRES402
402
DNP
35
1
U21
ECLOSC
DIP4(14)
DNP
36
4
H1, H2, H3, H41
MTHOLE6
MTHOLE6
DNP
37
2
T1, T21
Balun transformer
SM-22
DNP
M/A-COM
ETC1-1-13
38
1
T51
Transformer
ADT1-1WT
DNP
Mini-Circuits
ADT1-WT
39
2
P21, P221
Term strip
PTMICRO4
DNP
Newark
Electronics
1 DNP = do not populate. All items listed in this category are not populated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com