Electronic Components Datasheet Search
  English  ▼

X  

AD9460 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9460
Description  16-Bit, 80 MSPS/105 MSPS ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9460 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9460 Datasheet HTML 14Page - Analog Devices AD9460 Datasheet HTML 15Page - Analog Devices AD9460 Datasheet HTML 16Page - Analog Devices AD9460 Datasheet HTML 17Page - Analog Devices AD9460 Datasheet HTML 18Page - Analog Devices AD9460 Datasheet HTML 19Page - Analog Devices AD9460 Datasheet HTML 20Page - Analog Devices AD9460 Datasheet HTML 21Page - Analog Devices AD9460 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
AD9460
Rev. 0 | Page 18 of 32
0.6
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–40
–20
0
20
80
60
40
TEMPERATURE (°C)
80MSPS
105MSPS
Figure 40. Gain vs. Temperature
79
73
1.8
ANALOG INPUT RANGE (V p-p)
4.2
78
77
76
75
74
2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 4.0
170.3MHz, 105MSPS
170.3MHz, 80MSPS
Figure 41. SNR vs. Analog Input Range
96
80
1.8
ANALOG INPUT RANGE (V p-p)
4.2
2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 4.0
170.3MHz, 105MSPS
170.3MHz, 80MSPS
94
92
90
88
86
84
82
Figure 42. SFDR vs. Analog Input Range
90
65
45
SAMPLE RATE (MSPS)
145
105 SNR dB
80 SNR dB
80 SFDR dBc
105 SFDR dBc
85
80
75
70
55
65
75
85
95
105
115
125
135
Figure 43. Single-Tone SNR/SFDR vs. Sample Rate, 170.3 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com