Electronic Components Datasheet Search
  English  ▼

X  

AD9460 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9460
Description  16-Bit, 80 MSPS/105 MSPS ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9460 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9460 Datasheet HTML 19Page - Analog Devices AD9460 Datasheet HTML 20Page - Analog Devices AD9460 Datasheet HTML 21Page - Analog Devices AD9460 Datasheet HTML 22Page - Analog Devices AD9460 Datasheet HTML 23Page - Analog Devices AD9460 Datasheet HTML 24Page - Analog Devices AD9460 Datasheet HTML 25Page - Analog Devices AD9460 Datasheet HTML 26Page - Analog Devices AD9460 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
AD9460
Rev. 0 | Page 23 of 32
DIGITAL OUTPUTS
LVDS Mode
The off-chip drivers on the chip can be configured to provide
LVDS-compatible output levels via Pin 3 (OUTPUT MODE).
LVDS outputs are available when OUTPUT MODE is CMOS
logic high (or AVDD1 for convenience) and a 3.74 kΩ RSET
resistor is placed at Pin 5 (LVDS_BIAS) to ground. Dynamic
performance, including both SFDR and SNR, maximizes when
using the AD9460 in LVDS mode; designers are encouraged to
take advantage of this mode. The AD9460 outputs include com-
plementary LVDS outputs for each data bit (Dx+/Dx−), the
overrange output (OR+/OR−), and the output data clock output
(DCO+/DCO−). The RSET resistor current is multiplied on-chip,
setting the output current at each output equal to a nominal
3.5 mA (11 × IRSET). A 100 Ω differential termination resistor
placed at the LVDS receiver inputs results in a nominal 350 mV
swing at the receiver. LVDS mode facilitates interfacing with
LVDS receivers in custom ASICs and FPGAs that have LVDS
capability for superior switching performance in noisy environ-
ments. Single point-to-point net topologies are recommended,
with a 100 Ω termination resistor located as close to the receiver
as possible. It is recommended to keep the trace length less than
two inches and to keep differential output trace lengths as equal
as possible.
CMOS Mode
In applications that can tolerate a slight degradation in dynamic
performance, the AD9460 output drivers can be configured to
interface with 2.5 V or 3.3 V logic families by matching
DRVDD to the digital supply of the interfaced logic. CMOS
outputs are available when OUTPUT MODE is CMOS logic
low (or AGND for convenience). In this mode, the output data
bits, Dx, are single-ended CMOS, as is the overrange output,
OR+. The output clock serves as a differential CMOS signal,
DCO+/DCO−. Lower supply voltages are recommended to
avoid coupling switching transients back to the sensitive analog
sections of the ADC. Minimize the capacitive load to the CMOS
outputs and connect each output to a single gate through a
series resistor (220 Ω) to minimize switching transients caused
by the capacitive loading.
TIMING
The AD9460 provides latched data outputs with a pipeline delay
of 13 clock cycles. Data outputs are available one propagation
delay (tPD) after the rising edge of CLK+. Refer to Figure 2 and
Figure 3 for detailed timing diagrams.
OPERATIONAL MODE SELECTION
Data Format Select
The data format select (DFS) pin of the AD9460 determines
the coding format of the output data. This pin is 3.3 V CMOS
compatible, with logic high (or AVDD1, 3.3 V) selecting twos
complement and DFS logic low (AGND) selecting offset binary
format. Table 10 summarizes the output coding.
Output Mode Select
The OUPUT MODE pin controls the logic compatibility,
as well as the pinout of the digital outputs. This pin is a CMOS-
compatible input. With OUTPUT MODE = 0 (AGND), the
AD9460 outputs are CMOS compatible, and the pin assignment
for the device is as defined in Table 8. With OUTPUT MODE = 1
(AVDD1, 3.3 V), the AD9460 outputs are LVDS compatible, and
the pin assignment for the device is as defined in Table 7.
Duty Cycle Stabilizer
The DCS circuit is controlled by the DCS MODE pin; a CMOS
logic low (AGND) on DCS MODE enables the DCS, and logic
high (AVDD1, 3.3 V) disables the controller.
SFDR Enhancement
Under certain conditions, the SFDR performance of the AD9460
improves by adding some additional power to the core of the
ADC. The SFDR control pin (Pin 100) is a CMOS-compatible
control pin to optimize the configuration of the AD9460 analog
front end. Connecting SFDR to AGND optimizes SFDR
performance for applications with analog input frequencies
<200 MHz for 80 MSPS and 105 MSPS speed grades. For
applications with analog inputs >200 MHz, this pin should be
connected to AVDD1 for optimum SFDR performance; power
dissipation from AVDD2 increases by ~70 mW for the
AD9460BSVZ-80 and ~20 mW for the AD9460BSVZ-105.
Table 10. Digital Output Coding
Code
VIN+ − VIN−
Input Span = 3.4 V p-p (V)
VIN+ − VIN−
Input Span = 2 V p-p (V)
Digital Output
Offset Binary (D15…D0)
Digital Output
Twos Complement (D15…D0)
65,536
+1.700
+1.000
1111 1111 1111 1111
0111 1111 1111 1111
32,768
0
0
1000 0000 0000 0000
0000 0000 0000 0000
32,767
−0.000052
−0.000031
0111 1111 1111 1111
1111 1111 1111 1111
0
−1.70
−1.00
0000 0000 0000 0000
1000 0000 0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com