Electronic Components Datasheet Search
  English  ▼

X  

AD9460 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9460
Description  16-Bit, 80 MSPS/105 MSPS ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9460 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9460 Datasheet HTML 8Page - Analog Devices AD9460 Datasheet HTML 9Page - Analog Devices AD9460 Datasheet HTML 10Page - Analog Devices AD9460 Datasheet HTML 11Page - Analog Devices AD9460 Datasheet HTML 12Page - Analog Devices AD9460 Datasheet HTML 13Page - Analog Devices AD9460 Datasheet HTML 14Page - Analog Devices AD9460 Datasheet HTML 15Page - Analog Devices AD9460 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
AD9460
Rev. 0 | Page 12 of 32
EQUIVALENT CIRCUITS
X1
3.5V
1kΩ
1kΩ
AVDD2
VIN+
VIN–
T/H
AVDD2
6pF
6pF
Figure 6. Equivalent Analog Input Circuit
1.2V
DRVDD
DRVDD
K
3.74kΩ
ILVDSOUT
LVDS_BIAS
Figure 7. Equivalent LVDS_BIAS Circuit
DRVDD
Dx–
Dx+
V
V
V
V
Figure 8. Equivalent LVDS Digital Output Circuit
Dx
DRVDD
Figure 9. Equivalent CMOS Digital Output Circuit
DCS MODE,
OUTPUT MODE,
DFS
VDD
30kΩ
Figure 10. Equivalent Digital Input Circuit, DFS, DCS MODE, OUTPUT MODE
CLK+
2.5kΩ
3kΩ
3kΩ
2.5kΩ
AVDD1
CLK–
Figure 11. Equivalent Sample Clock Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com