Electronic Components Datasheet Search
  English  ▼

X  

AD9460 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9460
Description  16-Bit, 80 MSPS/105 MSPS ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9460 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9460 Datasheet HTML 12Page - Analog Devices AD9460 Datasheet HTML 13Page - Analog Devices AD9460 Datasheet HTML 14Page - Analog Devices AD9460 Datasheet HTML 15Page - Analog Devices AD9460 Datasheet HTML 16Page - Analog Devices AD9460 Datasheet HTML 17Page - Analog Devices AD9460 Datasheet HTML 18Page - Analog Devices AD9460 Datasheet HTML 19Page - Analog Devices AD9460 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
AD9460
Rev. 0 | Page 16 of 32
120
0
–100
ANALOG INPUT AMPLITUDE (dB)
0
SNR dB
SNR dBFS
SFDR dBFS
SFDR dBc
100
80
60
40
20
–90
–80
–70
–60
–50
–40
–30
–20
–10
Figure 30. 80 MSPS, 170.3 MHz SNR/SFDR vs. Analog Input Level
95
70
0
ANALOG INPUT FREQUENCY (MHz)
90
85
80
75
50
100
150
200
SFDR –40°C
SFDR +25°C
SFDR +85°C
SNR +85°C
SNR –40°C
SNR +25°C
Figure 31. 80 MSPS, SNR/SFDR vs. Analog Input Frequency, 3.4 V p-p
95
65
2.9
ANALOG INPUT COMMON-MODE VOLTAGE (V)
4.1
SFDR dBc
SNR dB
90
85
80
75
70
3.1
3.3
3.5
3.7
3.9
Figure 32. 80 MSPS, SNR/SFDR vs. Analog Input Common Mode
120
0
–90
ANALOG INPUT AMPLITUDE (dB)
0
SNR dB
SNR dBFS
SFDR dBFS
SFDR dBc
100
80
60
40
20
–80
–70
–60
–50
–40
–30
–20
–10
Figure 33. 80 MSPS, 170.3 MHz SNR/SFDR vs. Analog Input Level,
CMOS Output Mode
0
–140
04
FREQUENCY (MHz)
0
–20
–40
–60
–120
–100
–80
10
20
30
80MSPS
139.63MHz @ –7dBFS
140.63MHz @ –7dBFS
SFDR = 89dBFS
Figure 34. 80 MSPS, 64k Point Two-Tone FFT, 139.6 MHz, 140.6 MHz
0
–130
–100
ANALOG INPUT AMPLITUDE (dBFS)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–90
–80
–70
–60
–50
–40
–30
–20
–10
SFDR dBc
WORST IMD3 dBc
WORST IMD3 dBFS
SFDR dBFS
Figure 35. 80 MSPS, 64k Point Two-Tone FFT, 139.6 MHz, 140.6 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com