Electronic Components Datasheet Search
  English  ▼

X  

AD9957 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9957
Description  1 GSPS Quadrature Digital Upconverter w/18-Bit IQ Data Path and 14-Bit DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9957 Datasheet(HTML) 4 Page - Analog Devices

  AD9957 Datasheet HTML 1Page - Analog Devices AD9957 Datasheet HTML 2Page - Analog Devices AD9957 Datasheet HTML 3Page - Analog Devices AD9957 Datasheet HTML 4Page - Analog Devices AD9957 Datasheet HTML 5Page - Analog Devices AD9957 Datasheet HTML 6Page - Analog Devices AD9957 Datasheet HTML 7Page - Analog Devices AD9957 Datasheet HTML 8Page - Analog Devices AD9957 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
AD9957
PRELIMINARY TECHNICAL DATA
Rev. PrF | Page 4 of 38
Parameter
Min
Typ
Max
Unit
NOISE SPECTRAL DENSITY (NSD) Continued
Eight Tone, 500KHz Tone Spacing
fout = 50 MHz
TBD
dBm / Hz
fout = 104 MHz
TBD
dBm / Hz
fout = 209 MHz
TBD
dBm / Hz
fout = 315 Mhz
TBD
dBm / Hz
fout = 403 MHz
TBD
dBm / Hz
MODULATOR CHARACTERISTICS (260MHz AOUT
Input Data: 10MS/s, QPSK, 4x Oversampled
I/Q Offset
55
65
dB
Error Vector Magnitude
0.4
1
%
Input Data: 10MS/s GMSK 4x Oversampled
I/Q Offset
TBD
TBD
dB
Error Vector Magnitude
TBD
TBD
%
Input Data: 10MS/s 256-QAM 4x Oversampled
I/Q Offset
TBD
TBD
dB
Error Vector Magnitude
TBD
TBD
%
Adjacent Channel Leakage Ratio (ACLR)
WCDMA with 3.84MHz BW, 5MHz Channel Spacing
fDAC=1GSPS, fOUT=200MHz
79
dB
fDAC=1GSPS, fOUT=400MHz
74
dB
TIMING CHARACTERISTICS
Parallel Data Bus
Maximum Frequency
250
MS/s
Minimum TxEnable Pulse Width Low
2
ns
Minimum TxEnable Pulse Width High
2
ns
Minimum Data Setup Time (TxEnable to PDClk)
4
ns
Minium Data Hold Time (PDClk rising edge to data change)
0
ns
Serial Control Bus
Maximum Frequency
25
Mbps
Minimum Clock Pulse Width Low
7
ns
Minimum Clock Pulse Width High
7
ns
Maximum Clock Rise/Fall Time
2
ns
Minimum Data Setup Time DVDD_I/O = 3.3 V
3
ns
Minimum Data Hold Time
0
ns
Maximum Data Valid Time
25
ns
Wake-Up Time2
Minimum Reset Pulse Width High
5
SYSCLK Cycles3
I/O UPDATE, PS0, PS1 to SYNCCLK Setup Time DVDD_I/O = 3.3 V
4
ns
I/O UPDATE, PS0, PS1 to SYNCCLK Hold Time
0
ns
Latency
I/O UPDATE to Frequency Change Propagation Delay
24
SYSCLK Cycles
I/O UPDATE to Phase Offset Change Propagation Delay
24
SYSCLK Cycles
I/O UPDATE to Amplitude Change Propagation Delay
16
SYSCLK Cycles
CMOS LOGIC INPUTS
Logic 1 Voltage
2.2
V
Logic 0 Voltage
0.8
V
Logic 1 Current
3
12
μA
Logic 0 Current
12
μA
Input Capacitance
2
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com