Electronic Components Datasheet Search
  English  ▼

X  

AD9957 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9957
Description  1 GSPS Quadrature Digital Upconverter w/18-Bit IQ Data Path and 14-Bit DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9957 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9957 Datasheet HTML 12Page - Analog Devices AD9957 Datasheet HTML 13Page - Analog Devices AD9957 Datasheet HTML 14Page - Analog Devices AD9957 Datasheet HTML 15Page - Analog Devices AD9957 Datasheet HTML 16Page - Analog Devices AD9957 Datasheet HTML 17Page - Analog Devices AD9957 Datasheet HTML 18Page - Analog Devices AD9957 Datasheet HTML 19Page - Analog Devices AD9957 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
AD9957
PRELIMINARY TECHNICAL DATA
Rev. PrF | Page 16 of 38
two outputs. The use of balanced outputs reduces the amount of
common-mode noise at the DAC output, increasing signal-to-
noise ratio. An external resistor (RSET) connected between the
DAC_RSET pin and the DAC ground (AGND_DAC) establishes
a reference current. The full-scale output current of the DAC
(IOUT) is produced as a scaled version of the reference current
(see the Auxiliary DAC section that follows).
Proper attention should be paid to the load termination to keep the
output voltage within the specified compliance range, as voltages
developed beyond this range will cause excessive distortion and
might even damage the DAC output circuitry.
Auxiliary DAC
The full scale output current of the main DAC (IOUT) is con-
trolled by an 8-bit auxiliary DAC. An 8-bit code word stored in
the appropriate register map location sets IOUT according to the
following equation:
⎟
⎠
⎞
⎜
⎝
⎛ +
=
96
1
4
.
86
CODE
R
I
SET
OUT
(6)
Where RSET is the value of the RSET resistor (in ohms) and CODE
is the 8-bit value supplied to the auxiliary DAC (default is 127).
For example, with RSET=10,000 and CODE=127, then
IOUT=20.07mA.
INTERPOLATING DAC MODE
A block diagram of the AD9957 operating in the interpolating
DAC mode is shown in Figure 11; grayed out items are inactive.
In this mode, the Q data path, DDS and modulator are all dis-
abled; only the I data path is active.
CCI
(1x -63x)
DDS
cos(
ωt+θ)
sin(
ωt+θ)
DAC
(14-b)
θ
Halfband
Filters
(4x)
18
Parallel Data
Timing &
Control
I/Q In
Internal Clock Timing & Control
PDClk
Clock
Multiplier
RefClk
RefClk
Halfband
Filters
(4x)
Inv.
CCI
Inv.
CCI
DAC
Rset
Iout
Iout
0
1
0
1
0
1
AD9957: Interpolating DAC Mode
0
3
2
1
0
1
x
sin(x)
TxEn
ω
2
1
2
OSF
AUX
DAC
(8-b)
8
DAC
Gain
Serial I/O
Port
Programming
Registers
2
3
RAM
Power
Down
Control
I Q
θ
F
2
2
G
FTW
θ
0
1
Freq.
Ramp
Logic
PW
F
0
1
R
R
CCI
(1x -63x)
Q
I
I
Figure 11: Interpolating DAC Mode
As in the quadrature modulation mode, the PDCLK pin func-
tions as a clock which serves to synchronize the input of data to
the AD9957. The PDCLK rate is given below. Note that it oper-
ates at a rate that is half of that for the quadrature modulation
mode.
R
f
f
SYSCLK
DATA
4
=
(Interpolating DAC mode)
Because no modulation takes place, the spectrum of the data
supplied at the parallel port remains at base band. However, a
sample rate conversion takes place based on the programmed
interpolation rate. The interpolation hardware processes the
signal, by effectively performing an over-sample with zero-
stuffing operation. However, the original input spectrum re-
mains intact and the images that would otherwise occur from
the sample rate conversion process are suppressed by the inter-
polation signal chain.
The PDCLK pin is an output and serves as a data clock timing
source. The output clock rate is fDATA as explained in the Input
Data Assembler section. Each PDCLK rising edge latches a data
word into the I data path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com