Electronic Components Datasheet Search
  English  ▼

X  

AD9957 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9957
Description  1 GSPS Quadrature Digital Upconverter w/18-Bit IQ Data Path and 14-Bit DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9957 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9957 Datasheet HTML 29Page - Analog Devices AD9957 Datasheet HTML 30Page - Analog Devices AD9957 Datasheet HTML 31Page - Analog Devices AD9957 Datasheet HTML 32Page - Analog Devices AD9957 Datasheet HTML 33Page - Analog Devices AD9957 Datasheet HTML 34Page - Analog Devices AD9957 Datasheet HTML 35Page - Analog Devices AD9957 Datasheet HTML 36Page - Analog Devices AD9957 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
PRELIMINARY TECHNICAL DATA
AD9957
Rev. PrF | Page 33 of 38
CFR1<9> = 0 (default), disables Shaped On-Off Keying.
The clocks to this function are stopped for power sav-
ings.
CFR1<9> = 1, enables Shaped On-Off Keying.
CFR1<8> sets the mode of operation.
CFR1<8>
: Automatic Output Shaped Keying Enable
If CFR1<9> is clear, this bit is ignored.
CFR1<8> = 0 enables MANUAL Shaped On-Off Keying.
CFR1<8> = 1 enables AUTO Shaped On-Off Keying.
CFR1<7>
: Digital Power Down
CFR1<7> = 0 (default), enables the digital circuitry.
CFR1<7> = 1, disables the digital circuitry, putting it in
its’ lowest power dissipation state.
CFR1<6>
: DAC Power Down
CFR1<6> = 0 (default), enables the DAC Circuitry.
CFR1<6> = 1, disables the DAC Circuitry, putting it in a
low power dissipation state.
CFR1<5>
: Clock Input Power Down
CFR1<5> = 0 (default), enables the Clock Input Cir-
cuitry.
CFR1<5> = 1, disables the Clock Input Circuitry putting
it in a low power dissipation state.
CFR1<4>
: Open
CFR1<3>
: External Power Down Mode
When CFR1<3> = 0 (default) the external power down
mode selected is “fast recovery power down”. In this
mode, when the EXTPWRDWN input pin is high, the
digital logic and the DAC digital logic are powered
down. The DAC bias circuitry, comparator, PLL, oscilla-
tor, and clock input circuitry is NOT powered down.
When CFR1<3> = 1, the external power down mode se-
lected is “full power down”. In this mode, when the
EXTPWRDWN input pin is high, all functions are pow-
ered down including the DAC and PLL, which take a
significant amount of time to power up.
CFR1<2>: Automatic Power Down
CFR1<2> = 0 (default), disables automatic power down.
When CFR1<2> = 1 when TX ENABLE is de-asserted
for a sufficiently long period of time the device auto-
matically switches into its low power mode.
CFR1<1>: SDIO Input Only
CFR1<1> = 0 (default), configures the SDIO pin for bi-
directional operation (2-wire serial programming
mode).
CFR1<1> = 1, configures the serial data I/O pin (SDIO)
as an input only pin (3-wire serial programming mode).
CFR1<0>: LSB First
CFR1<0> = 0 (default), sets MSB first format.
CFR1<0> = 1, sets LSB first format.
Control Function Register #2 (CFR2)
CFR2<31>
: BlackFin Interface Mode Active bit.
When CFR2<31>= 0 (default), the parallel input data
port operates as described in the data assembler section
of this document.
When CFR2<31> = 1, the AD9957 data port is config-
ured for direct connection to the BlackFin SPORT inter-
face. See the BlackFin Interface section of this document
for details.
CFR2<30>
: BlackFin Bit Order bit.
This bit is ignored if the AD9957 is not operating in the
BlackFin Interface Mode (see CFR2<31>).
CFR2<30>
= 0 (default) sets MSB first format.
CFR2<30>
= 1 sets LSB first format.
CFR2<29>
: BlackFin Early Frame Sync Enable bit.
This bit is ignored if the AD9957 is not operating in the
BlackFin Interface Mode (see CFR2<31>).
When CFR2<29>= 0 (default), the frame sync signal is
expected by the AD9957 to be co-incident with the first
data bit transmitted. (‘Late frame sync operation’ in the
Blackfin documentation).
When CFR2<29> = 1, the frame sync signal is expected
by the AD9957 to be one cycle preceding the first data
bit transmitted. (‘Early frame sync operation’ in the
Blackfin documentation). Also, for continuous data
transmission, the early frame sync bit will be co-incident
with the last bit of the previous word transmitted.
CFR2<28:25>: Open
. Leave these bits clear
CFR2<24>
: Single Tone Profile Enable bit.
When CFR2<24>= 0 (default), direct modulation of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com