Electronic Components Datasheet Search
  English  ▼

X  

AD9957 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9957
Description  1 GSPS Quadrature Digital Upconverter w/18-Bit IQ Data Path and 14-Bit DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9957 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9957 Datasheet HTML 28Page - Analog Devices AD9957 Datasheet HTML 29Page - Analog Devices AD9957 Datasheet HTML 30Page - Analog Devices AD9957 Datasheet HTML 31Page - Analog Devices AD9957 Datasheet HTML 32Page - Analog Devices AD9957 Datasheet HTML 33Page - Analog Devices AD9957 Datasheet HTML 34Page - Analog Devices AD9957 Datasheet HTML 35Page - Analog Devices AD9957 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
AD9957
PRELIMINARY TECHNICAL DATA
Rev. PrF | Page 32 of 38
REGISTER DESCRIPTIONS
Control Function Register #1 (CFR1)
The CFR1 is comprised of four bytes located in address 00h.
CFR1<31>
: RAM Enable bit.
When CFR1<31>= 0 (default), disables the RAM putting
it in the lowest power state (unless being written to via
the serial port).
When CFR1<31> = 1, enables the RAM.
CFR1<30:29>
: OPEN. Always leave these bits clear.
CFR1<28>
: RAM QDUC Evaluation Enable bit.
When CFR1<28> = 0 (default), The RAM QDUC
evaluation mode of the device is inactive.
When CFR1<28> = 1, The RAM QDUC evaluation
mode is activated, if the RAM Enable bit is set. When in
the RAM QDUC Evaluation mode the input data port is
disengaged form the signal processing path and the
RAM drives the I and Q data at the IQ sample rate.
CFR1<27:26>
: OPEN. Always leave these bits clear.
CFR1<25:24>
: QDUC Operating Mode bits.
The CFR1<25:24> bits set the mode of operation:
CFR1<25:24>
Mode of Operation
00 (default)
Quadrature Modulation
01
Single Tone
1x
Interpolating DAC
CFR1<23>
: Manual OSK External Control.
Note, this bit is ignored unless manual OSK mode is se-
lected using CFR1<9:8>.
When CFR1<23> = 0 (default), the manual OSK mode
does not require the use of the OSK input pin to operate.
When CFR1<23> = 1, the manual OSK mode uses the
OSK input pin. See pin description.
CFR1<22>
: Inverse Sinc Enable bit.
When CFR1<22> = 0 (default), the inverse sinc filter is
inactive - the local clock is stopped to save power. The
input data is passed directly to the output of the filter.
When CFR1<22> = 1, the inverse sinc filter is enabled
and operational.
CFR1<21>
: Clear CCI bit.
When CFR1<21> = 0 (default), the CCI filter operates
normally.
When CFR1<21> = 1, The CCI filter is asynchronously
cleared.
CFR1<20:17>
: Internal Profile Control bits.
These bits cause the Profile Bits to be ignored and put
the device into an automatic “profile loop sequence” that
allows the user to implement a frequency/phase compos-
ite sweep that runs without external inputs.
CFR1<16>
: Sine Enable bit.
When CFR1<16> = 0 (default), the angle-to-amplitude
conversion logic outputs a COSINE function.
When CFR1<16> = 1, the angle-to-amplitude conver-
sion logic outputs a SINE function.
CFR1<15:14>
: OPEN. Always leave these bits clear.
CFR1<13>: Auto Clear Phase Accumulator
When CFR1<13> = 0 (default), ), the accumulation
function is not interrupted.
When CFR1<13> = 1, this bit automatically and syn-
chronously clears (loads zeros into) the phase accumula-
tor for one cycle upon receipt of the I/O UPDATE se-
quence indicator.
CFR1<12>: OPEN
. Always leave this bit clear.
CFR1<11>: Clear Phase Accumulator
When CFR1<11> = 0 (default), the phase accumulator
functions as normal.
When CFR1<11> = 1, the phase accumulator memory
element is asynchronously cleared.
CFR1<10>
: Load Amplitude Rate Register @ IOUpdate
When CFR1<10> = 0 (default), the amplitude ramp rate
timer is loaded only upon timeout (timer ==1); it is not
loaded due to an I/O UPDATE input signal (or change
in profile).
When CFR1<10> = 1, the amplitude ramp rate timer is
loaded upon timeout (timer ==1) or at the time of an
I/O UPDATE input signal (or change in profile).
CFR1<9>
: Output Shaped Keying Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com