Electronic Components Datasheet Search
  English  ▼

X  

AD9957 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9957
Description  1 GSPS Quadrature Digital Upconverter w/18-Bit IQ Data Path and 14-Bit DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9957 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9957 Datasheet HTML 20Page - Analog Devices AD9957 Datasheet HTML 21Page - Analog Devices AD9957 Datasheet HTML 22Page - Analog Devices AD9957 Datasheet HTML 23Page - Analog Devices AD9957 Datasheet HTML 24Page - Analog Devices AD9957 Datasheet HTML 25Page - Analog Devices AD9957 Datasheet HTML 26Page - Analog Devices AD9957 Datasheet HTML 27Page - Analog Devices AD9957 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
AD9957
PRELIMINARY TECHNICAL DATA
Rev. PrF | Page 24 of 38
REGISTER MAP AND DESCRIPTIONS
REGISTER MAP
Register
Name (Serial
Address)
Bit
Range
Bit 7
(MSB)
Bit 6
Bit 5
Bit4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value OR
Profile
<31:24>
RAM
Enable
OPEN
RAM QDUC
Evaluation
OPEN
QDUC Operating Mode
00h
<23:16>
Manual
OSK
External
Control
Inverse Sinc
Filter Enable
Clear CCI
Internal Profile Control
Enable Sine
Output
00h
<15:8>
OPEN
Auto-Clear
Phase
Accum
OPEN
Clear Phase
Accum
Load ARR
@ I/O
update
Output
Shaped
Keying
Enable
Auto
Output
Shaped
Keying
00h
Control
Function
Register 1
CFR1
(00h)
<7:0>
Digital
Power
Down
DAC Power
Down
Clock
Input
Power
Down
Aux DAC
Power Down
External
Power
Down
Mode
Auto
Power
Down
Enable
SDIO Input
Only
LSB First
00h
<31:24>
BlackFin
Interface
Mode
Active
BlackFin Bit
Order
Black Fin
Early
Frame
Sync
Enable
OPEN
00h
<23:16>
Internal
IO
Update
Active
Enable IO
Update
Clock
OPEN
Read
Effective
FTW
40h
<15:8>
IO Update Rate Control
PDCLK
Rate
Control
Data Format
Enable
PDCLK
PDCLK
Clock
Invert
TxEnable
Invert
Q First Data
Pairing
08h
Control
Function
Register 2
(CFR2)
(01h)
<7:0>
Matched
Latency
Enable
Data
Assembler
Hold Last
Value
Sync
Sample
Error
Mask
OPEN
FM Gain
20h
<31:24>
DRV0<1:0>
OPEN
VCO SEL <2:0>
1Fh
<23:16>
OPEN
ICP<2:0>
OPEN
3Fh
<15:8>
REFCLK
Input
Divider
Disable
OPEN
PLL Enable
40h
Control
Function
Register 3
(CFR3)
(02h)
<7:0>
N:<6:0>
OPEN
00h
<31:24>
OPEN
00h
<23:16>
OPEN
00h
<15:8>
OPEN
00h
Auxilliary
DAC Control
Register
(03h)
<7:0>
FSC<7:0>
FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com