Electronic Components Datasheet Search
  English  ▼

X  

AD9957 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9957
Description  1 GSPS Quadrature Digital Upconverter w/18-Bit IQ Data Path and 14-Bit DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9957 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9957 Datasheet HTML 27Page - Analog Devices AD9957 Datasheet HTML 28Page - Analog Devices AD9957 Datasheet HTML 29Page - Analog Devices AD9957 Datasheet HTML 30Page - Analog Devices AD9957 Datasheet HTML 31Page - Analog Devices AD9957 Datasheet HTML 32Page - Analog Devices AD9957 Datasheet HTML 33Page - Analog Devices AD9957 Datasheet HTML 34Page - Analog Devices AD9957 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
PRELIMINARY TECHNICAL DATA
AD9957
Rev. PrF | Page 31 of 38
Register
Name
(Serial
Address)
Bit Range
(Internal
Address)
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Profile Pins
(PS2 -
>PS0)
<63:56>
OPEN
Amplitude Scale Factor #6 <13:8>
110
<55:48>
Amplitude Scale Factor #6 <7:0>
110
<47:40>
Phase Offset Word #6 <15:8>
110
<39:32>
Phase Offset Word #6 <7:0>
110
<31:24>
Frequency Tuning Word #6 <31:24>
110
<23:16>
Frequency Tuning Word #6 <23:16>
110
<15:8>
Frequency Tuning Word #6 <15:8>
110
QDUC
Single Tone
Profile 6
Register
(14h)
<7:0>
Frequency Tuning Word #6 <7:0>
110
<63:56>
OPEN
Amplitude Scale Factor #7 <13:8>
111
<55:48>
Amplitude Scale Factor #7 <7:0>
111
<47:40>
Phase Offset Word #7 <15:8>
111
<39:32>
Phase Offset Word #7 <7:0>
111
<31:24>
Frequency Tuning Word #7 <31:24>
111
<23:16>
Frequency Tuning Word #7 <23:16>
111
<15:8>
Frequency Tuning Word #7 <15:8>
111
QDUC
Single Tone
Profile 7
Register
(15h)
<7:0>
Frequency Tuning Word #7 <7:0>
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com