Electronic Components Datasheet Search
  English  ▼

X  

ADF7021 Datasheet(PDF) 42 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrowband ISM Transceiver IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 36Page - Analog Devices ADF7021 Datasheet HTML 37Page - Analog Devices ADF7021 Datasheet HTML 38Page - Analog Devices ADF7021 Datasheet HTML 39Page - Analog Devices ADF7021 Datasheet HTML 40Page - Analog Devices ADF7021 Datasheet HTML 41Page - Analog Devices ADF7021 Datasheet HTML 42Page - Analog Devices ADF7021 Datasheet HTML 43Page - Analog Devices ADF7021 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
ADF7021
Preliminary Technical Data
Rev. PrI | Page 42 of 44
REGISTER 15—TEST MODE REGISTER
Rx TEST
MODES
Tx TEST
MODES
Σ-Δ TEST
MODES
PFD/CP TEST
MODES
PLL TEST
MODES
ANALOG TEST
MODES
CLK MUX
ADDRESS
BITS
ANALOG TEST MODES
0
BAND GAP VOLTGE
140µA CURRENT FROM REG4
2
FILTER I CHANNEL: STAGE 1
3
FILTER I CHANNEL: STAGE 2
4
FILTER I CHANNEL: STAGE 1
5
FILTER Q CHANNEL: STAGE 1
6
FILTER Q CHANNEL: STAGE 2
7
FILTER Q CHANNEL: STAGE 1
8
ADC REFERENCE VOLTAGE
9
BIAS CURRENT FROM RSSI 5µA
10
FILTER COARSE CAL OSCILLATOR O/P
11
ANALOG RSSI I CHANNEL
12
OSET LOOP +VE FBACK V (I CH)
13
SUMMED O/P OF RSSI RECTIFIER+
14
SUMMED O/P OF RSSI RECTIFIER–
15
BIAS CURRENT FROM BB FILTER
Rx TEST MODES
0NORMAL
1
SCLK, SDATA -> I, Q
2
REVERSE I, Q
3
DDT SLICER ON RxDATA
4
3FSK SLICER ON RxDATA
T/4 SLICER ON RxDATA
ADDITIONAL FILTERING ON I, Q
ENVELOPE DETECTOR WATCHDOG DISABLED
3FSK PREMABLE DETECT ON RxDATA
ENABLE REG 14 DEMOD PARAMETERS
PROHIBIT CALACTIVE
ENABLE DEMOD DURING CAL
FORCE CALACTIVE
5
6
I, Q TO Rx CLK, RxDATA
7
8
9
10
11
12
POWER DOWN DDT AND ED IN T/4 MODE
13
14
15
Tx TEST MODES
0
Tx CARRIER ONLY
1
Tx +VE TONE ONLY
2
Tx –VE TONE ONLY
3
Tx "1010" PATTERN
4
Tx PN9 DATA, AT PROGRAMMED RATE
5
Tx SYNC BYTE REPEATEDLY
6
Σ-Δ TEST MODES
0
DEFAULT, 3RD ORDER SD, NO DITHER
11ST ORDER SD
22ND ORDER SD
3
DITHER TO FIRST STAGE
4
DITHERTO SECONDSTAGE
5
DITHER TO THIRD STAGE
6DITHER × 8
7DITHER × 32
PLL TEST MODES
0NORMAL OPERATION
1R DIV
2N DIV
3
RCNTR/2 ON MUXOUT
4
NCNTR/2 ON MUXOUT
5ACNTR TO MUXOUT
6
PFD PUMP UP TO MUXOUT
7
PFD PUMP DN TO MUXOUT
8
SDATA TO MUXOUT (OR SREAD?)
9
ANALOG LOCK DETECT ON MUXOUT
10
END OF COARSE CAL ON MUXOUT
11
END OF FINE CAL ON MUXOUT
12
13
TEST MUX SELECTS DATA
14
LOCK DETECT PRECISION
15
NEG PD POLARITY-*NOT SUPPORTED*
PFD/CP TEST MODES
0DEFAULT, NO BLEED
1
(+VE) CONSTANT BLEED
2
(–VE) CONSTANT BLEED
3
(–VE) PULSED BLEED
4
(–VE) PULSE BLD, DELAY UP?
5CP PUMP UP
6CP TRI-STATE
7CP PUMP DN
CLK MUXES
0
1
2
3
4
5
6
7
CAL OVERRIDE
0
AUTO CAL
1
OVERRIDE GAIN
2
OVERRIDE BW
3
OVERRIDE BW AND GAIN
FORCE LD HIGH
0NORMAL
1
FORCE
REG1 PD
0NORMAL
1PWR DWN
SDATA TO CDR
FORCE NEW PRESCALER CONFIG.
FOR ALL N
NORMAL OPERATION
NORMAL, NO OUTPUT
DEMOD_CLK
CDR_CLK
SEQ_CLK
BB_OFFSET CLK
SIGMA_DELTA CLK
ADC_CLK
Tx/Rx CLK
Figure 47.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com